Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M93053 Datasheet(PDF) 2 Page - DFI Inc

Part # M93053
Description  NXP i.MX93 series 2.5" SBC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

M93053 Datasheet(HTML) 2 Page - DFI Inc

  M93053 Datasheet HTML 1Page - DFI Inc M93053 Datasheet HTML 2Page - DFI Inc M93053 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dfi.com
USB 2.0 Hub
USB2517i
NXP
i.MX93
eMMC
Default 16GB up to 64GB
LPDDR4 3733
2GB
RGMII
RJ45
uSD
9~36V DC-in
2-pin terminal block
RTL8211
MDI
RGMII
I2C
CAN
UART
UART
RJ45
COM3 (RS-485)
Digital I/O
CAN bus
UART debug
RTL8211
HDMI
LVDS
COM4 (RS-232/422/485)
COM5 (RS-232)
MIPI-CSI
Micro USB 2.0
USB 2.0 Type A
USB 2.0 Type A
M.2 B key 3042
USB 2.0 2x
Header
TCA6408A
Transceiver
ATA6560
MDI
4-lane
4-lane
MIPI DSI
LVDS
MIPI CSI
UART
USB OTG
USB 2.0
2-lane
Nano SIM
slot
MECHANICAL DRAWING
BLOCK DIAGRAM
0
3.04
69.08
3.04
69.08
72



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com