Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M93053 Datasheet(PDF) 3 Page - DFI Inc

Part # M93053
Description  NXP i.MX93 series 2.5" SBC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

M93053 Datasheet(HTML) 3 Page - DFI Inc

  M93053 Datasheet HTML 1Page - DFI Inc M93053 Datasheet HTML 2Page - DFI Inc M93053 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
i.MX 93 applications processor
MIMX9352CVVXMAB, Dual core, 1.7GHz, NPU, -40°C~105°C
Memory
2GB LPDDR4 Memory Down
GRAPHICS
Controller
2D Graphics: PXP Engine
Feature
Blending/Composition, Resize, Color Space Conversion
Display
1 x HDMI 1.4
1 x LVDS
HDMI: resolution up to 1920x1080 @60Hz
LVDS: resolution up to 1366x768 @60Hz
Single Display
LVDS or HDMI
STORAGE
eMMC
1 x eMMC 5.1 with default 16GB (up to 64GB)
EXPENSION
Interface
1 x M.2 B key 3042 (USB 2.0)
1 x Nano SIM slot
ETHERNET
Phy
RTL8211
REAR I/O
Ethernet
2 x GbE (RJ-45)
Serial
1 x RS485 (2-wire)
USB
2 x USB 2.0
1 x Micro USB 2.0 (OTG)
Display
1 x HDMI
Download Mode
Switch
1 x Download mode switch
INTERNAL I/O
Serial
1 x RS232, 1x RS232/422/485 on 2x6 header
USB
2 x USB 2.0
Display
1 x LVDS LCD Panel connector (Default: 12V/Opt.: 5V)
1 x LCD Backlight Power (Default: 5V/Opt.: 3.3V)
SD
1 x uSD card
DIO
1 x 8-bit DIO
I2C
1 x I2C / Touch
CANBus
1 x CAN bus 2.0b
Camera
1 x MIPI-CSI for 2-lanes camera, reference to RPI-CAM-MIPI Camera adapter (AR0144 Sensor)
Others
1 x SPI, 1 x Front Panel, 1 x UART debug
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
Wide Range 9~36VDC
Connector
2-pole terminal block
Consumption
Typical: 9V @ 0.28A (2.52Watt); 36V @ 0.10A (3.60Watt)
Max.: 9V @ 0.36A (3.24Watt); 36V @ 0.11A (3.96Watt)
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Linux
Linux Yocto 4.2 (Kernel 6.1.36)
ENVIRONMENT
Temperature
Operating: -5°C ~ 65°C, -40°C~85°C
Storage: -40°C ~ 85°C
Humidity
Operating: 5% ~ 90% RH
Storage: 5% ~ 90% RH
MTBF
MIMX9352CVVXMAB, Dual core: 778,719 hrs @ 25°C;
497,925 hrs @ 45°C ; 331,500 hrs @ 60°C; 247,941 hrs @ 70°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANISM
Dimensions
2.5" SBC Form Factor
100mm (3.94") x 72mm (2.83")
Height
PCB: 1.6mm
Top Side: TBC
Bottom Side: TBC
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC, RoHS, UKCA
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © January 9, 2025 DFI Inc.
PACKING LIST
OPTIONAL ITEMS
1 M93053 board
1 Terminal block for RS485 (COM3)
342-361021-000G
1 Heat spreader (Height: 11mm)
A71-808354-000G
2 pole terminal to DC jack cable
A81-004013-000G
Power adapter (60W, 12V, DC Jack)
671-106012-000G
USB 2.0 cable (Length: 200mm)
A81-001084-016G
COM port cable (Length: 250mm, COM4/5 port)
A81-015088-016G
Debug console with cable (Length: 500mm)
770-IMX8M1-000G
Heat sink (Height: 17.7mm)
A71-008358-000G
ORDERING INFORMATION
Model Name
P/N
Processor Memory eMMC GbE RS-485 RS-232 RS-232/422/485 USB 2.0
Power Thermal
Temp.
M93053-BCC-2152 770-M930531-000G
Dual core
2 GB
16 GB
2
1
1
1
5
9~36VDC Fanless
-5°C~65°C
M93053-ECC-2152 770-M930531-100G
-40°C~85°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com