Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M93053 Datasheet(PDF) 1 Page - DFI Inc

Part # M93053
Description  NXP i.MX93 series 2.5" SBC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

M93053 Datasheet(HTML) 1 Page - DFI Inc

  M93053 Datasheet HTML 1Page - DFI Inc M93053 Datasheet HTML 2Page - DFI Inc M93053 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NXP i.MX93 series
2.5" SBC
KEY FEATURES
NXP i.MX93
platform
Wide Voltage
2 GbE LAN
CAN bus
M.2
Expansions
Target on entry level
application
Support 9~36VDC
For automation
application
For automation equip-
ments integration
1 M.2 B key 3042
uSD card
Digital I/O
HDMI
COM3
(RS-485)
USB 2.0
M93053
ARM
Bottom View
Top View
CAN bus
Back light power
Power DC in
SPI
MIPI-CSI
Front Panel
COM4/5
(RS-232/422/485, RS-232)
Download mode switch
LAN
Micro USB 2.0
(OTG)
UART debug
I2C touch
USB 2.0 x2
Nano SIM slot
LVDS
M.2 B key 3042


Similar Part No. - M93053

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9300A KEYSIGHT-M9300A Datasheet
337Kb / 3P
PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
M9300A PXIe Frequency Reference
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9300A KEYSIGHT-M9300A Datasheet
2Mb / 17P
M9380A PXIe CW Source
M9300A KEYSIGHT-M9300A Datasheet
2Mb / 29P
M9381A PXIe Vector Signal Generator
More results

Similar Description - M93053

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RSB-3410DL-MDA1E ADVANTECH-RSB-3410DL-MDA1E Datasheet
1Mb / 2P
NXP ARM짰 Cortex짰-A9 i.MX6 2.5" SBC
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
logo
DFI Inc
M8M051 DFI-M8M051 Datasheet
1Mb / 3P
NXP i.MX 8M Series 2.5" SBC
FS053 DFI-FS053 Datasheet
1Mb / 2P
NXP i.MX6 Series 2.5" Pico-ITX
FS051 DFI-FS051 Datasheet
1Mb / 2P
NXP i.MX6 Series 2.5" Pico-ITX
logo
Advantech Co., Ltd.
RSB-3410 ADVANTECH-RSB-3410_V01 Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 2.5
7-Jul-2021
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-3720 ADVANTECH-RSB-3720 Datasheet
3Mb / 6P
NXP i.MX8M Plus Cortex®-A53 2.5 SBC with UIO40-Express
1-Aug-2022
RSB-3730 ADVANTECH-RSB-3730 Datasheet
1Mb / 4P
NXP iMX 8M Mini Cortex-A53 2.5 SBC
18-Jan-2022
logo
BCM Advanced Research.
AR6MXS BCM-AR6MXS Datasheet
660Kb / 1P
NXP i.MX6 Cortex A9 Solo Core ARM Motherboard (SBC)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com