Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1007MP Datasheet(PDF) 8 Page - Texas Instruments

Part # LT1007MP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007MP Datasheet(HTML) 8 Page - Texas Instruments

Back Button LT1007MP Datasheet HTML 4Page - Texas Instruments LT1007MP Datasheet HTML 5Page - Texas Instruments LT1007MP Datasheet HTML 6Page - Texas Instruments LT1007MP Datasheet HTML 7Page - Texas Instruments LT1007MP Datasheet HTML 8Page - Texas Instruments LT1007MP Datasheet HTML 9Page - Texas Instruments LT1007MP Datasheet HTML 10Page - Texas Instruments LT1007MP Datasheet HTML 11Page - Texas Instruments LT1007MP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
8
TYPICAL CHARACTERISTICS†
INPUT OFFSET VOLTAGE
vs
TIME AFTER POWER ON
5
4
3
2
1
0
10
8
6
4
DW, JG, or P Package
TA = 25°C
VCC
± = ±15 V
LT1007, LT1037
LT1007A, LT1037A
LT1007, LT1037
VCC
± = ±15 V
Time After Power On – minutes
0
2
TA – Free-Air Temperature – ° C
125
100
75
50
25
0
–25
50
40
30
20
10
0
–10
–20
–30
–40
–50
INPUT OFFSET VOLTAGE
OF REPRESENTATIVE UNITS
vs
FREE-AIR TEMPERATURE
–50
Figure 1
Figure 2
8
6
4
2
10
5
0
–5
t – Time – months
0
–10
INPUT OFFSET CURRENT
vs
TEMPERATURE
LT1007A, LT1037A
LT1007, LT1037
60
50
40
30
20
10
125
100
75
50
25
0
–25
–50
TA – Free-Air Temperature – ° C
–75
0
VCC
± = ± 15 V
10
LONG TERM STABILITY OF
INPUT OFFSET VOLTAGE
FOR FOUR REPRESENTATIVE UNITS
0.2
µV/Month Trend Line
0.2
µV/Month Trend Line
Figure 3
Figure 4
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com