Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1007MP Datasheet(PDF) 20 Page - Texas Instruments

Part # LT1007MP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007MP Datasheet(HTML) 20 Page - Texas Instruments

Back Button LT1007MP Datasheet HTML 16Page - Texas Instruments LT1007MP Datasheet HTML 17Page - Texas Instruments LT1007MP Datasheet HTML 18Page - Texas Instruments LT1007MP Datasheet HTML 19Page - Texas Instruments LT1007MP Datasheet HTML 20Page - Texas Instruments LT1007MP Datasheet HTML 21Page - Texas Instruments LT1007MP Datasheet HTML 22Page - Texas Instruments LT1007MP Datasheet HTML 23Page - Texas Instruments LT1007MP Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
20
APPLICATION INFORMATION
The sine wave generator application shown below, utilizes the low-noise and low-distortion characteristics of
the LT1037.
6
R
C
#327 Lamp
3
2
R
C
Output
LT1037
430
Ω
TOTAL HARMONIC DISTORTION
≤ 0.0025%
NOISE
≤ 0.001%
AMPLITUDE =
±8 V
OUTPUT FREQUENCY = 1.000 kHz FOR VALUES GIVEN
±0.4%
f
+
1
2
RC
π
R =1591.5
Ω ±0.1 %
C = 0.1
µF ±0.1 %
Figure 41. Ultra-Pure 1-kHz Sine-Wave Generator
RN60C Film Resistors
4
6
7
2
1%
365
Ω
Output
IN +
– 15 V
15 V
Trim
5%
1%
20 k
Ω
15 k
Ω
340 k
Ω
LT1037
3
f = 0.1 Hz to 10 Hz
t – Time – s
10
8
6
4
2
0
The high gain and wide bandwidth of the LT1037 and (LT1007)
is useful in low-frequency high-closed-loop-gain amplifier
applications. A typical precision operational amplifier may have
an open loop gain of one million with 500 kHz bandwidth. As the
gain error plot shows, this device is capable of 0.1% amplifying
accuracy up to 0.3 Hz only. Even instrumentation range signals
can vary at a faster rate. The LT1037’s gain precision –
bandwidth product is 200 times higher, as shown.
EQUIVALENT INPUT NOISE VOLTAGE
OVER A 10-SECOND PERIOD
9
7
5
3
1
Figure 42
Figure 43. Gain 1000 Amplifier With
0.01% Accuracy, DC to 5 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com