Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1007MP Datasheet(PDF) 15 Page - Texas Instruments

Part # LT1007MP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007MP Datasheet(HTML) 15 Page - Texas Instruments

Back Button LT1007MP Datasheet HTML 11Page - Texas Instruments LT1007MP Datasheet HTML 12Page - Texas Instruments LT1007MP Datasheet HTML 13Page - Texas Instruments LT1007MP Datasheet HTML 14Page - Texas Instruments LT1007MP Datasheet HTML 15Page - Texas Instruments LT1007MP Datasheet HTML 16Page - Texas Instruments LT1007MP Datasheet HTML 17Page - Texas Instruments LT1007MP Datasheet HTML 18Page - Texas Instruments LT1007MP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
15
TYPICAL CHARACTERISTICS†
TA = 25°C
IO = 1 mA
VCC
± = ±15 V
AV = 5
LT1037
AV = 1
LT1007
AV = 1000
LT1037
AV = 1000
LT1007
100
10
1
0.1
0.01
1 M
100 k
10 k
1 k
100
f – Frequency – Hz
10
0.001
TA = – 55°C
TA = 25°C
VCC
± – Supply Voltage – V
3
4
2
1
0
±20
±15
±10
±5
0
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
CLOSED-LOOP OUTPUT IMPEDANCE
vs
FREQUENCY
TA = 125°C
Figure 29
Figure 30
8
7
6
5
4
3
2
1
20
15
10
5
0
–5
–10
–15
TA = 25°C
AV = 5
VCC
± = ±15 V
t – Time –
µs
0
–20
TA = 25°C
CL = 15 pF
AV = 5
VCC
± = ±15 V
80
60
40
20
0
–20
–40
–60
1600
1400
1200
1000
800
600
400
200
t – Time – ns
–80
0
LT1037
VOLTAGE-FOLLOWER
SMALL-SIGNAL PULSE RESPONSE
LT1037
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
Figure 31
Figure 32
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com