Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
2-12
Freescale Semiconductor
Signals/Connections
HCS
HA10
PB13
Input
Input
Input or
Output
Ignored input
Host Chip Select
When the HI08 is programmed to interface with a non-multiplexed host
bus and the HI function is selected, this signal is the Host Chip Select
(HCS) input. The polarity of the chip select is programmable, but is
configured active-low (HCS) after reset.
Host Address 10
When the HI08 is programmed to interface with a multiplexed host bus
and the HI function is selected, this signal is line 10 of the Host Address
bus.
Port B 13
When the HI08 is configured as GPIO through the HPCR, this signal is
individually programmed through the HDDR. This input is 5 V tolerant.
HREQ/HREQ
HTRQ/HTRQ
PB14
Output
Output
Input or
Output
Ignored input
Host Request
When the HI08 is programmed to interface with a single host request host
bus and the HI function is selected, this signal is the Host Request
(HREQ) output. The polarity of the host request is programmable, but is
configured as active-low (HREQ) following reset. The host request can be
programmed as a driven or open-drain output.
Transmit Host Request
When the HI08 is programmed to interface with a double host request
host bus and the HI function is selected, this signal is the Transmit Host
Request (HTRQ) output. The polarity of the host request is
programmable, but is configured as active-low (HTRQ) following reset.
The host request may be programmed as a driven or open-drain output.
Port B 14
When the HI08 is configured as GPIO through the HPCR, this signal is
individually programmed through the HDDR. This input is 5 V tolerant.
HACK/HACK
HRRQ/HRRQ
PB15
Input
Output
Input or
Output
Ignored input
Host Acknowledge
When the HI08 is programmed to interface with a single host request host
bus and the HI function is selected, this signal is the Host Acknowledge
(HACK) Schmitt-trigger input. The polarity of the host acknowledge is
programmable, but is configured as active-low (HACK) after reset.
Receive Host Request
When the HI08 is programmed to interface with a double host request
host bus and the HI function is selected, this signal is the Receive Host
Request (HRRQ) output. The polarity of the host request is
programmable, but is configured as active-low (HRRQ) after reset. The
host request may be programmed as a driven or open-drain output.
Port B 15
When the HI08 is configured as GPIO through the HPCR, this signal is
individually programmed through the HDDR. This input is 5 V tolerant.
Notes: 1.
In the Stop state, the signal maintains the last state as follows:
If the last state is input, the signal is an ignored input.
If the last state is output, these lines are tri-stated
2.
The Wait processing state does not affect the signal state.
Table 2-11. Host Interface (Continued)
Signal Name
Type
State During
Reset1,2
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com