Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
2-14
Freescale Semiconductor
Signals/Connections
SCK0
PC3
Input/Output
Input or Output
Ignored input
Serial Clock
Provides the serial bit rate clock for the ESSI interface for both the transmitter
and receiver in Synchronous modes, or the transmitter only in Asynchronous
modes.
Although an external serial clock can be independent of and asynchronous to
the DSP system clock, it must exceed the minimum clock cycle time of 6 T
(that is, the system clock frequency must be at least three times the external
ESSI clock frequency). The ESSI needs at least three DSP phases inside
each half of the serial clock.
Port C 3
The default configuration following reset is GPIO. For PC3, signal direction is
controlled through PRRC. This signal is configured as SCK0 or PC3 through
PCRC. This input is 5 V tolerant.
SRD0
PC4
Input
Input or Output
Ignored input
Serial Receive Data
Receives serial data and transfers the data to the ESSI receive shift register.
SRD0 is an input when data is being received.
Port C 4
The default configuration following reset is GPIO. For PC4, signal direction is
controlled through PRRC. This signal is configured as SRD0 or PC4 through
PCRC. This input is 5 V tolerant.
STD0
PC5
Output
Input or Output
Ignored input
Serial Transmit Data
Transmits data from the serial transmit shift register. STD0 is an output when
data is being transmitted.
Port C 5
The default configuration following reset is GPIO. For PC5, signal direction is
controlled through PRRC. This signal is configured as STD0 or PC5 through
PCRC. This input is 5 V tolerant.
Notes: 1.
In the Stop state, the signal maintains the last state as follows:
If the last state is input, the signal is an ignored input.
If the last state is output, these lines are tri-stated.
2.
The Wait processing state does not affect the signal state.
Table 2-12. Enhanced Synchronous Serial Interface 0 (ESSI0) (Continued)
Signal
Name
Type
State During
Reset1, 2
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com