Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-6
Freescale Semiconductor
Core Configuration
4.2 Bootstrap Program
The bootstrap program is factory-programmed in an internal 192-word by 24-bit bootstrap ROM
located in program memory space at locations $FF0000–$FF00BF. The bootstrap program can
load any program RAM segment from an external byte-wide EPROM, the SCI, or the host port.
The bootstrap program code is listed in Appendix 4, Core Configuration.
Upon exit from the Reset state, the DSP56303 samples the MODAMODD signal lines and loads
their values into OMR[MA–MD]. The mode input signals (MODAMODD) and the resulting MA,
MB, MC, and MD bits determine which bootstrap mode the DSP56303 enters (see Table 4-1).
Note:
To stop the bootstrap in any HI08 bootstrap mode, set the Host Flag 0 (HF0). The
loaded user program begins executing from the specified starting address.
You can invoke the bootstrap program options (except modes $0 and $8) at any time by writing
the appropriate values to the MA, MB, MC, and MD bits in the OMR and jumping to the
bootstrap program entry point, $FF0000. Software can set the mode selection bits directly in the
OMR. Bootstrap modes 0 and 8 are the normal DSP56303 functioning modes. The other
bootstrap modes select different specific bootstrap loading source devices. Refer to Appendix A,
Bootstrap Program for details on the bootstrap program.
In these modes, the bootstrap program expects the following data sequence when downloading
the user program through an external port:
1.
Three bytes that specify the number of (24-bit) program words to load .
2.
Three bytes that specify the (24-bit) start address where the user program loads in the
DSP56303 program memory.
3.
The user program (three bytes for each 24-bit program word).
Note:
The three bytes for each data sequence are loaded LSB first.
When the bootstrap program finishes loading the specified number of words, it jumps to the
specified starting address and executes the loaded program.
4.3 Central Processor Unit (CPU) Registers
Two CPU registers must be configured to initialize operation. The Status Register (SR) selects
various arithmetic processing protocols and contains several status reporting flag bits. The
Operating Mode Register (OMR) configures several system operating modes and characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com