Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 105Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 106Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 107Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 108Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 109Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 111Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
6-8
Freescale Semiconductor
Host Interface (HI08)
Note:
When the DSP enters Stop mode, the HI08 pins are electrically disconnected
internally, thus disabling the HI08 until the core leaves Stop mode. Do not issue a
STOP command via the HI08 unless some other mechanism for exiting this mode is
provided.
6.4.3 Core DMA Access
The DSP56300 family Direct Memory Access (DMA) controller permits transfers between
internal or external memory and I/O without any core intervention. A DMA channel can be set up
to transfer data to/from the HTX and HRX data registers, freeing the core to use its processing
power on functions other than polling or interrupt routines for the HI08. DMA may well be the
best method to use for data transfers, but it requires that one of the six DMA channels be
available for use. Two HI08 DMA sources are possible, as Table 6-4 shows. Refer to the
DSP56300 Family Manual to learn about DMA accesses.
Note:
DMA transfers do not access the host bus. The host must determine when data is
available in the host-side data registers using an appropriate polling mechanism.
6.4.4 Host Requests
A set of signal lines allow the HI08 to request service from the host. The request signal lines
normally connect to the host interrupt request pins (IRQx) and indicate to the host when the DSP
HI08 port requires service. The HI08 can be configured to use either a single Host Request
(HREQ) line for both receive and transmit requests or two signal lines, a Host Transmit Request
(HTRQ) and a Host Receive Request (HRRQ), for each type of transfer.
Host requests are enabled on both the DSP-side and host-side. On the DSP side, the HPCR Host
Request Enable bit (HPCR[4] = HREN) is set to enable host requests. On the host side, clearing
the ICR Double Host Request bit (ICR[2] = HDRQ) configures the HI08 to use a single request
line (HREQ). Setting the ICR[2] = HDRQ bit enables both transmit and request lines to be used.
Further, the host uses the ICR Receive Request Enable bit (ICR[0] = RREQ) and the ICR
Transmit Request Enable bit (ICR[1] = TREQ) to enable receive and transmit requests,
Table 6-4. DMA Request Sources
Requesting Device
DCRx[15–11] = DRS[4–0]
Host Receive Data Full (HRDF = 1)
10011
Host Transmit Data Empty (HTDE = 1)
10100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com