Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 116Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 117Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 118Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 119Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 120Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 121Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 123Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
6-20
Freescale Semiconductor
Host Interface (HI08)
registers (TXH:TXM:TXL on the host side) when both the transmit data register empty
(ISR[TXDE]) on the host side and host receive data full (HSR[HRDF]) on the DSP side are
cleared. The transfer operation sets both ISR[TXDE] and HSR[HRDF]. When the HSR[HRDF]
is set, the HRX register contains valid data. The DSP56303 can set the HCR[HRIE] to cause a
host receive data interrupt when HSR[HRDF] is set. When the DSP56303 reads the HRX
register, the HSR[HRDF] bit is cleared.
Note:
The DSP56303 should never try to read the HRX register if the HSR[HRDF] bit is
already cleared.
6.6.9 DSP-Side Registers After Reset
Table 6-13 shows the results of the four reset types on the bits in each of the HI08 registers
accessible to the DSP56303. The hardware reset (HW) is caused by the RESET signal. The
software reset (SW) is caused by execution of the RESET instruction. The individual reset (IR)
occurs when HPCR[HEN] is cleared. The stop reset (ST) occurs when the STOP instruction
executes.
6.7 Host Programmer Model
The HI08 provides a simple, high-speed interface to a host processor. To the host bus, the HI08
appears to be eight byte-wide registers. Separate transmit and receive data paths are
double-buffered to allow the DSP core and host processor to transfer data efficiently at high
speed. The host can access the HI08 asynchronously using polling techniques or interrupt-based
Table 6-13. DSP-Side Registers After Reset
Register
Name
Register
Data
Reset Type
HW
Reset
SW
Reset
IR
Reset
ST
Reset
HCR
All bits
0
0
HPCR
All bits
0
0
HSR
HF[1–0]
0
0
HCP
00
00
HTDE
11
11
HRDF
0
0
0
0
HBAR
BA[10–3]
$80
$80
HDDR
DR[15–0]
0
0
HDR
D[15–0]
HRX
HRX [23–0]
empty
empty
empty
empty
HTX
HTX [23–0]
empty
empty
empty
empty
Note:
A long dash (—) denotes that the bit value is not affected by the specified reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com