Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 123Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 124Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 125Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 127Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 128Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 129Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 130Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 292 page
background image
Host Programmer Model
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-27
Note:
The external host should never read the RXH:RXM:RXL registers if the ISR[RXDF]
bit is cleared.
6.7.6 Transmit Data Registers (TXH:TXM:TXL)
The host processor views the transmit byte registers as three 8-bit write-only registers. These
registers are the transmit high register (TXH), the transmit middle register (TXM), and the
transmit low register (TXL). These registers send data to the high, middle, and low bytes,
respectively, of the HRX register and are selected by the external host address inputs, HA[2–0],
during a host processor write operation.
If ICR[HLEND] is set, the TXH register is located at address $7, the TXM register at $6, and the
TXL register at $5. If the HLEND bit in the ICR is cleared, the TXH register is located at address
$5, the TXM register at $6, and the TXL register at $7.
Data can be written into the transmit byte registers when the ISR transmit data register empty
(TXDE) bit is set. The host processor can program the ICR[TREQ] bit to assert the external
HREQ/HTRQ signal when ISR[TXDE] is set. This informs the host processor that the transmit
byte registers are empty. Writing to the data register at host address $7 clears the ISR[TXDE] bit.
The contents of the transmit byte registers are transferred as 24-bit data to the HRX register when
both ISR[TXDE] and HSR[HRDF] are cleared. This transfer operation sets HSR[TXDE] and
HSR[HRDF]. The external host should never write to the TXH:TXM:TXL registers if the
ISR[TXDE] bit is cleared.
Note:
When data is written to a peripheral device, there is a two-cycle pipeline delay until
any status bits affected by this operation are updated. If you read any of those status
bits within the next two cycles, the bit will not reflect its current status. For details, see
Section 5.4.1, Polling, on page 1-3.
6.7.7 Host-Side Registers After Reset
Table 6-18 shows the result of the four kinds of reset on bits in each of the HI08 registers seen by
the host processor. To cause a hardware reset, assert the RESET signal. To cause a software reset,
execute the RESET instruction. To reset the HEN bit individually, clear the HPCR[HEN] bit. To
cause a stop reset, execute the STOP instruction.
Table 6-18. Host-Side Registers After Reset
Register
Name
Register
Data
Reset Type
HW
Reset
SW
Reset
Individual Reset
STOP
ICR
All bits
0
0
CVR
HC
0
0
0
0
HV[0–6]
$32
$32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com