Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 131Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 132Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 133Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 134Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 135Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 136Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 138Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 292 page
background image
ESSI Data and Control Signals
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
7-3
transmitted, the STD signal does not assume a high-impedance state. The STD signal can be
programmed as a GPIO signal (P5) when the ESSI STD function is not in use.
7.2.2 Serial Receive Data Signal (SRD)
SRD
receives serial data and transfers the data to the receive shift register. SRD can be
programmed as a GPIO signal (P4) when the SRD function is not in use.
7.2.3 Serial Clock (SCK)
SCK
is a bidirectional signal providing the serial bit rate clock for the ESSI interface. The signal is
a clock input or output used by all the enabled transmitters and receivers in Synchronous modes
or by all the enabled transmitters in Asynchronous modes. See Table 7-1 for details. SCK can be
programmed as a GPIO signal (P3) when not used as the ESSI clock.
Note:
Although an external serial clock can be independent of and asynchronous to the DSP
system clock, the external ESSI clock frequency must not exceed Fcore/3, and each
ESSI phase must exceed the minimum of 1.5 CLKOUT cycles. The internally sourced
ESSI clock frequency must not exceed Fcore/4.
7.2.4 Serial Control Signal (SC0)
ESSI0: SC00; ESSI1: SC10
To determine the function of the SC0 signal, select either Synchronous or Asynchronous mode,
according to Table 7-2. In Asynchronous mode, this signal is used for the receive clock I/O. In
Synchronous mode, this signal is the transmitter data out signal for transmit shift register TX1 or
for serial flag I/O. A typical application of serial flag I/O would be multiple device selection for
addressing in codec systems.
If SC0 is configured as a serial flag signal or receive clock signal, its direction is determined by
the Serial Control Direction 0 (SCD0) bit in ESSI Control Register B (CRB). When configured as
an output, SC0 functions as the serial Output Flag 0 (OF0) or as a receive shift register clock
Table 7-1. ESSI Clock Sources
SYN
SCKD
SCD0
RX Clock Source
RX Clock
Out
TX Clock Source
TX Clock Out
Asynchronous
0
0
0
EXT, SC0
EXT, SCK
0
0
1
INT
SC0
EXT, SCK
0
1
0
EXT, SC0
INT
SCK
0
1
1
INT
SC0
INT
SCK
Synchronous
1
0
0/1
EXT, SCK
EXT, SCK
1
1
0/1
INT
SCK
INT
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com