Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 169 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 169 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 165Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 166Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 167Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 168Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 169Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 170Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 171Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 172Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 173Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
8-1
Serial Communication Interface (SCI)
8
The SCI provides a full-duplex port for serial communication with other DSPs, microprocessors,
or peripherals such as modems. The SCI interfaces without additional logic to peripherals that
use TTL-level signals. With a small amount of additional logic, the SCI can connect to peripheral
interfaces that have non-TTL level signals, such as RS-232, RS-422, and so on. This interface
uses three dedicated signals: transmit data, receive data, and SCI serial clock. It supports
industry-standard asynchronous bit rates and protocols, as well as high-speed synchronous data
transmission. SCI asynchronous protocols include a multidrop mode for master/slave operation
with wake-up on idle line and wake-up on address bit capability. This mode allows the
DSP56303 to share a single serial line efficiently with other peripherals.
The SCI consists of separate transmit and receive sections that can operate asynchronously with
respect to each other. A programmable baud rate generator supplies the transmit and receive
clocks. An enable vector and an interrupt vector are included so that the baud-rate generator can
function as a general-purpose timer when the SCI is not using it, or when the interrupt timing is
the same as that used by the SCI.
8.1 Operating Modes
The operating modes for the DSP56303 SCI are as follows:
„ 8-bit synchronous (shift register mode)
„ 10-bit asynchronous (1 start, 8 data, 1 stop)
„ 11-bit asynchronous (1 start, 8 data, 1 even parity, 1 stop)
„ 11-bit asynchronous (1 start, 8 data, 1 odd parity, 1 stop)
„ 11-bit multidrop asynchronous (1 start, 8 data, 1 data type, 1 stop)
This mode is used for master/slave operation with wake-up on idle line and wake-up on
address bit capability. It allows the DSP56303 to share a single serial line efficiently with
other peripherals.
These modes are selected by the SCR WD[2–0] bits. Synchronous data mode is essentially a
high-speed shift register for I/O expansion and stream-mode channel interfaces. A gated transmit
and receive clock compatible with the Intel 8051 serial interface mode 0 synchronizes data.
Asynchronous modes are compatible with most UART-type serial devices. Standard RS-232
communication links are supported by these modes. Multidrop Asynchronous mode is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com