Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 197 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 197 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 193Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 194Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 195Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 196Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 197Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 198Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 199Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 200Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 201Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 292 page
background image
Operating Modes
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
9-5
9.3 Operating Modes
Each timer has operating modes that meet a variety of system requirements, as follows:
„ Timer
— GPIO, mode 0: Internal timer interrupt generated by the internal clock
— Pulse, mode 1: External timer pulse generated by the internal clock
— Toggle, mode 2: Output timing signal toggled by the internal clock
— Event counter, mode 3: Internal timer interrupt generated by an external clock
„ Measurement
— Input width, mode 4: Input pulse width measurement
— Input period, mode 5: Input signal period measurement
— Capture, mode 6: Capture external signal
„ PWM, mode 7: Pulse width modulation
„ Watchdog
— Pulse, mode 9: Output pulse, internal clock
— Toggle, mode 10: Output toggle, internal clock
Note:
To ensure proper operation, the TCSR TC[3–0] bits should be changed only when the
timer is disabled (that is, when TCSR[TE] is cleared).
9.3.1 Triple Timer Modes
For all triple timer modes, the following points are true:
„ The TCSR[TE] bit is set to clear the counter and enable the timer. Clearing TCSR[TE]
disables the timer.
„ The value to which the timer is to count is loaded into the TCPR. (This is true for all
modes except the measurement modes (modes 4 through 6).
„ The counter is loaded with the TLR value on the first clock.
„ If the counter overflows, TCSR[TOF] is set, and if TCSR[TOIE] is set, an overflow
interrupt is generated.
„ You can read the counter contents at any time from the Timer Count Register (TCR).
9.3.1.1 Timer GPIO (Mode 0)
In Mode 0, the timer generates an internal interrupt when a counter value is reached, if the timer
compare interrupt is enabled (see Figure 9-3 and Figure 9-4). When the counter equals the
TCPR value, TCSR[TCF] is set and a compare interrupt is generated if the TCSR[TCIE] bit is
Bit Settings
Mode Characteristics
TC3
TC2
TC1
TC0
Mode
Name
Function
TIO
Clock
0000
0
GPIO
Timer
GPIO
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com