Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD3530R Datasheet(PDF) 40 Page - Analog Devices

Part # AD3530R
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530R Datasheet(HTML) 40 Page - Analog Devices

Back Button AD3530R Datasheet HTML 36Page - Analog Devices AD3530R Datasheet HTML 37Page - Analog Devices AD3530R Datasheet HTML 38Page - Analog Devices AD3530R Datasheet HTML 39Page - Analog Devices AD3530R Datasheet HTML 40Page - Analog Devices AD3530R Datasheet HTML 41Page - Analog Devices AD3530R Datasheet HTML 42Page - Analog Devices AD3530R Datasheet HTML 43Page - Analog Devices AD3530R Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Data Sheet
AD3530/AD3530R
REGISTER DETAILS
analog.com
Rev. 0 | 40 of 45
Table 32. Bit Descriptions for HW_LDAC_EN_0 (Continued)
Bits
Bit Name
Description
Reset
Access
1: HLD En1. Enable hardware LDAC on Channel 4.
3
HLD_EN_CH_3
Hardware LDAC Enable Channel 3. Enable/disable hardware LDAC functionality on Channel 3.
0x1
R/W
0: HLD En 0. Disable hardware LDAC on Channel 3.
1: HLD En 1. Enable hardware LDAC on Channel 3.
2
HLD_EN_CH_2
Hardware LDAC Enable Channel 2. Enable/disable hardware LDAC functionality on Channel 2.
0x1
R/W
0: HLD En 0. Disable hardware LDAC on Channel 2.
1: HLD En 1. Enable hardware LDAC on Channel 2.
1
HLD_EN_CH_1
Hardware LDAC Enable Channel 1. Enable/disable hardware LDAC functionality on Channel 1.
0x1
R/W
0: HLD En 0. Disable hardware LDAC on Channel 1.
1: HLD En 1. Enable hardware LDAC on Channel 1.
0
HLD_EN_CH_0
Hardware LDAC Enable Channel 0. Enable/disable hardware LDAC functionality on Channel 0.
0x1
R/W
0: HLD En 0. Disable hardware LDAC on Channel 0.
1: HLD En 1. Enable hardware LDAC on Channel 0.
SOFTWARE LDAC ENABLE 0 REGISTER
Address: 0xD1, Reset: 0xFF, Name: SW_LDAC_EN_0
Enable software LDAC functionality for Channel 0 to Channel 7
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
[7] SLD_EN_CH_7 (R/W)
[0] SLD_EN_CH_0 (R/W)
[6] SLD_EN_CH_6 (R/W)
[1] SLD_EN_CH_1 (R/W)
[5] SLD_EN_CH_5 (R/W)
[2] SLD_EN_CH_2 (R/W)
[4] SLD_EN_CH_4 (R/W)
[3] SLD_EN_CH_3 (R/W)
Table 33. Bit Descriptions for SW_LDAC_EN_0
Bits
Bit Name
Description
Reset
Access
7
SLD_EN_CH_7
Software LDAC Enable Channel 7. Enable/disable software LDAC functionality on Channel 7.
0x1
R/W
0: SLD En 0. Disable software LDAC on Channel 7.
1: SLD En 1. Enable software LDAC on Channel 7.
6
SLD_EN_CH_6
Software LDAC Enable Channel 6. Enable/disable software LDAC functionality on Channel 6.
0x1
R/W
0: SLD En 0. Disable software LDAC on Channel 6.
1: SLD En 1. Enable software LDAC on Channel 6.
5
SLD_EN_CH_5
Software LDAC Enable Channel 5. Enable/disable software LDAC functionality on Channel 5.
0x1
R/W
0: SLD En 0. Disable software LDAC on Channel 5.
1: SLD En 1. Enable software LDAC on Channel 5.
4
SLD_EN_CH_4
Software LDAC Enable Channel 4. Enable/disable software LDAC functionality on Channel 4.
0x1
R/W
0: SLD En 0. Disable software LDAC on Channel 4.
1: SLD En 1. Enable software LDAC on Channel 4.
3
SLD_EN_CH_3
Software LDAC Enable Channel 3. Enable/disable software LDAC functionality on Channel 3.
0x1
R/W
0: SLD En 0. Disable software LDAC on Channel 3.
1: SLD En 1. Enable software LDAC on Channel 3.
2
SLD_EN_CH_2
Software LDAC Enable Channel 2. Enable/disable software LDAC functionality on Channel 2.
0x1
R/W
0: SLD En 0. Disable software LDAC on Channel 2.
1: SLD En 1. Enable software LDAC on Channel 2.
1
SLD_EN_CH_1
Software LDAC Enable Channel 1. Enable/disable software LDAC functionality on Channel 1.
0x1
R/W
0: SLD En 0. Disable software LDAC on Channel 1.
1: SLD En 1. Enable software LDAC on Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com