Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD3530R Datasheet(PDF) 29 Page - Analog Devices

Part # AD3530R
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530R Datasheet(HTML) 29 Page - Analog Devices

Back Button AD3530R Datasheet HTML 25Page - Analog Devices AD3530R Datasheet HTML 26Page - Analog Devices AD3530R Datasheet HTML 27Page - Analog Devices AD3530R Datasheet HTML 28Page - Analog Devices AD3530R Datasheet HTML 29Page - Analog Devices AD3530R Datasheet HTML 30Page - Analog Devices AD3530R Datasheet HTML 31Page - Analog Devices AD3530R Datasheet HTML 32Page - Analog Devices AD3530R Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Data Sheet
AD3530/AD3530R
REGISTERS SUMMARY
analog.com
Rev. 0 | 29 of 45
Table 10. AD3530/AD3530R Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00
INTERFACE_CO
NFIG_A
[7:0]
SW_RESET RESERVED
ADDR_ASC
ENSION
SDO_ENAB
LE
RESERVED
RESET_SW 0x10
R/W
0x01
INTERFACE_CO
NFIG_B
[7:0]
SINGLE_IN
ST
RESERVED
SHORT_INS
TRUCTION
RESERVED
0x00
R/W
0x02
DEVICE_CONFI
G
[7:0]
RESERVED
OPERATING_MODES
0x00
R/W
0x03
CHIP_TYPE
[7:0]
RESERVED
CHIP_TYPE
0x08
R
0x04
PRODUCT_ID_L [7:0]
PRODUCT_ID[7:0]
0x01
R
0x05
PRODUCT_ID_H [7:0]
PRODUCT_ID[15:8]
0x00
R
0x06
CHIP_GRADE
[7:0]
GRADE
DEVICE_REVISION
0x01
R
0x0A SCRATCH_PAD
[7:0]
SCRATCH_PAD
0x00
R/W
0x0B SPI_REVISION
[7:0]
SPI_TYPE
VERSION
0x84
R
0x0C VENDOR_L
[7:0]
VID[7:0]
0x56
R
0x0D VENDOR_H
[7:0]
VID[15:8]
0x04
R
0x0E STREAM_MODE [7:0]
LOOP_COUNT
0x00
R/W
0x0F
TRANSFER_CO
NFIG
[7:0]
RESERVED
KEEP_STR
EAM_LENG
TH_VAL
RESERVED
0x00
R/W
0x10
INTERFACE_CO
NFIG_C
[7:0]
CRC_ENABLE
STRICT_RE
GISTER_AC
CESS
RESERVED
ACTIVE_INTERFACE_MO
DE
CRC_ENABLEB
0x23
R/W
0x11
INTERFACE_ST
ATUS_A
[7:0]
NOT_READ
Y_ERR
RESERVED
CLOCK_CO
UNT_ERR
CRC_ERR
RESERVED
REGISTER_
PARTIAL_A
CCESS_ER
R
RESERVED 0x00
R/W
0x20
OUTPUT_OPER
ATING_MODE_0 [7:0]
MODE_CH_3
MODE_CH_2
MODE_CH_1
MODE_CH_0
0xFF
R/W
0x21
OUTPUT_OPER
ATING_MODE_1 [7:0]
MODE_CH_7
MODE_CH_6
MODE_CH_5
MODE_CH_4
0xFF
R/W
0x2A
OUTPUT_CONT
ROL_0
[7:0]
RESERVED
RANGE
RESERVED
0x00
R/W
0x3C
REFERENCE_C
ONTROL_0
[7:0]
RESERVED
SEL
0x00
R/W
0x93
MUX_OUT_SEL
ECT_0
[7:0]
RESERVED
SEL
0x00
R/W
0xC2
STATUS_CONTR
OL
[7:0]
RESERVED
UPDATE_E
RR
RESET_WA
RNING
INTERFACE
_ERR
RESERVED 0x04
R/W
0xD0 HW_LDAC_EN_0 [7:0]
HLD_EN_C
H_7
HLD_EN_C
H_6
HLD_EN_C
H_5
HLD_EN_C
H_4
HLD_EN_C
H_3
HLD_EN_C
H_2
HLD_EN_C
H_1
HLD_EN_C
H_0
0xFF
R/W
0xD1 SW_LDAC_EN_0 [7:0]
SLD_EN_C
H_7
SLD_EN_C
H_6
SLD_EN_C
H_5
SLD_EN_C
H_4
SLD_EN_C
H_3
SLD_EN_C
H_2
SLD_EN_C
H_1
SLD_EN_C
H_0
0xFF
R/W
0xD3
TO
0xE1
by 21
DAC_CHn
[15:8]
DAC_VAL[15:8]
0x0000
R/W
[7:0]
DAC_VAL[7:0]
0xE31 MULTI_DAC_CH
[15:8]
MULTI_DAC_VAL[15:8]
0x0000
R/W
[7:0]
MULTI_DAC_VAL[7:0]
0xE4
MULTI_DAC_SE
L_0
[7:0]
MD_SEL_C
H_7
MD_SEL_C
H_6
MD_SEL_C
H_5
MD_SEL_C
H_4
MD_SEL_C
H_3
MD_SEL_C
H_2
MD_SEL_C
H_1
MD_SEL_C
H_0
0xFF
R/W
0xE5
SW_LDAC_TRIG
_0
[7:0]
SLD_TRIG_
0
RESERVED
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com