Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD3530R Datasheet(PDF) 27 Page - Analog Devices

Part # AD3530R
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD3530R Datasheet HTML 23Page - Analog Devices AD3530R Datasheet HTML 24Page - Analog Devices AD3530R Datasheet HTML 25Page - Analog Devices AD3530R Datasheet HTML 26Page - Analog Devices AD3530R Datasheet HTML 27Page - Analog Devices AD3530R Datasheet HTML 28Page - Analog Devices AD3530R Datasheet HTML 29Page - Analog Devices AD3530R Datasheet HTML 30Page - Analog Devices AD3530R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Data Sheet
AD3530/AD3530R
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 27 of 45
Figure 72. Option 2 Example: Write to Input_Ch7 to Input_Ch0 Registers;
Hardware LDAC Enabled; Stream Mode and Address Descending
A single instruction is sent to write to the HW_LDAC_EN_0 regis-
ter, enabling hardware LDAC for the selected channels. Then, a
stream mode is initiated, in default descending mode, writing to the
INPUT_CH7 first up to INPUT_CH0. The LDACB is asserted at the
end of the stream updating the DAC registers and the DAC output
(if the correct LDACB timing is observed).
Option 3 (Controlled Update, Unique Data,
Software LDAC, and Single and Multiple
Channels)
Option 3 allows controlled update timing of the DAC_CHn registers
from the INPUT_CHn registers through the software LDAC.
This option is applicable to both single channel and multiple chan-
nel updates in single instruction and stream modes.
Figure 73. Option 3 Example: Write to INPUT_CH7 and INPUT_CH6 Registers,
with a software LDAC, Stream Mode and Address Descending
Similar to Option 2, except, a software LDAC function is used
instead of a hardware LDAC. The SW_LDAC_EN_0 register deter-
mines which channel gets affected by a software LDAC command.
The DAC registers and DAC outputs are updated with the input
data written after the last SCLK of the SW LDAC command.
Option 4 (Immediate Update, Same Data, No
LDAC, and Multiple Channels)
Option 4 allows the immediate and simultaneous up-
date of multiple DAC_CHn registers identified by MUL-
TI_DAC_SEL_0(MD_SEL_CH_n) bitfields with the same data. Data
is contained in MULTI_DAC_CH register and update is initiated
after writing the whole 16-bit data. An LDAC is not required.
Option 4 is ideal for multiple channel updates in both single instruc-
tion and stream mode.
Figure 74. Option 4 Example: Write to MULTI_DAC_CHn Register, Stream
Mode (Loop) and Address Descending
A write instruction is sent to Multi_DAC_Sel_0 register, enabling
multi DAC function for the selected channels. With stream mode
descending enabled, the next commands are the data for the
adjacent multi-byte register 0xE3 (and 0xE2) MULTI_DAC_CH.
Assuming that STREAM_MODE(LOOP_COUNT) is set to 0x3, the
succeeding data stream loops back to the start address, 0xE4, and
repeats the process, until CSB is deasserted.
Option 5 (Controlled Update, Same Data,
Hardware LDAC, and Multiple Channels)
Option 5 allows controlled update timing of multiple DAC_CHn
registers identified by MULTI_INPUT_SEL_0(MI_SEL_CH_n) and
HW_LDAC_EN_0(HLD_EN_CH_n) bitfields with the same data.
Data is contained in MULTI_INPUT_CH register and update is
initiated by providing a valid LDACB pulse.
Option 5 is ideal for multiple channel updates in both single instruc-
tion and stream modes.
Figure 75. Option 5 Example: Write to MULTI_INPUT_CH Register with a
Hardware LDAC, Stream Mode (Loop) and Address Ascending
Option 5 is similar to Option 2 except this option makes use
of the MULTI_INPUT_SEL_0 and MULTI_INPUT_CH registers to
select and update the input registers of multiple DAC channels.
The LDACB is asserted after each loop ends, updating the DAC
registers and the DAC outputs (when correct LDAC is observed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com