Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81101 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STW81101_07 Datasheet HTML 12Page - STMicroelectronics STW81101_07 Datasheet HTML 13Page - STMicroelectronics STW81101_07 Datasheet HTML 14Page - STMicroelectronics STW81101_07 Datasheet HTML 15Page - STMicroelectronics STW81101_07 Datasheet HTML 16Page - STMicroelectronics STW81101_07 Datasheet HTML 17Page - STMicroelectronics STW81101_07 Datasheet HTML 18Page - STMicroelectronics STW81101_07 Datasheet HTML 19Page - STMicroelectronics STW81101_07 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Typical performance characteristics
STW81101
16/48
Figure 11.
PFD frequency spurs (direct
output; FPFD=200kHz)
Figure 12.
PFD frequency spurs (div. by 2
output; FPFD=400kHz
-75 dBc
@200KHz
-84 dBc
@400KHz
Figure 13.
PFD frequency spurs (div. by 4
output; FPFD=800kHz)
Figure 14.
Settling time (final frequency=1.8
GHz; FPFD=400kHz; ICP=2mA
< -92 dBc
@800KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com