Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81101 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STW81101_07 Datasheet HTML 21Page - STMicroelectronics STW81101_07 Datasheet HTML 22Page - STMicroelectronics STW81101_07 Datasheet HTML 23Page - STMicroelectronics STW81101_07 Datasheet HTML 24Page - STMicroelectronics STW81101_07 Datasheet HTML 25Page - STMicroelectronics STW81101_07 Datasheet HTML 26Page - STMicroelectronics STW81101_07 Datasheet HTML 27Page - STMicroelectronics STW81101_07 Datasheet HTML 28Page - STMicroelectronics STW81101_07 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
STW81101
I2C bus interface
25/48
Figure 21.
START and STOP conditions
6.1.3
Byte format and acknowledge
Every byte put on the SDA line must be 8 bits long, and be followed by an acknowledge bit
to indicate a successful data transfer. Data is transferred with the most significant bit (MSB)
first. The transmitter releases the SDA line after sending 8 bits of data. During the 9th clock
pulse, the receiver pulls the SDA line low to acknowledge the receipt of 8 bits of data.
Figure 22.
Byte format and acknowledge
6.1.4
Device addressing
The master must first initiate with a START condition to communicate with the STW81101,
and then send 8 bits (MSB first) on the SDA line which correspond to the device select
address and the read or write mode.
The first 7 MSBs are the device address identifier, which corresponds to the I2C bus
definition. For the STW81101, the address is set at “1100A2A1A0”, 3 bits programmable.
The 8th bit (LSB) is the read or write (RW) operation bit, which is set to 1 in read mode and
to 0 in write mode.
Following a START condition, the STW81103 identifies the device address on the bus and, if
matched, acknowledges the identification on the SDA bus during the 9th clock pulse.
SDA
SCL
START
STOP
SDA
SCL
START
//
//
Acknowledgement
from receiver
8
9
1
MSB
2
3
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com