Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81101 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STW81101_07 Datasheet HTML 33Page - STMicroelectronics STW81101_07 Datasheet HTML 34Page - STMicroelectronics STW81101_07 Datasheet HTML 35Page - STMicroelectronics STW81101_07 Datasheet HTML 36Page - STMicroelectronics STW81101_07 Datasheet HTML 37Page - STMicroelectronics STW81101_07 Datasheet HTML 38Page - STMicroelectronics STW81101_07 Datasheet HTML 39Page - STMicroelectronics STW81101_07 Datasheet HTML 40Page - STMicroelectronics STW81101_07 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
STW81101
SPI digital interface
37/48
7.3.1
Default configuration
At power on reset, the following configuration is automatically loaded:
–
FUNCTIONAL MODE = 1 (VCOA with divided by 2 output)
–
A COUNTER = 8
–
B COUNTER = 562
–
R DIVIDER = 192
–
PLL_A[1:0] = [10]
–
CP_SEL[2:0] = [111]
–
PSC_MOD_SEL set to 0 (Modulus = 16)
This corresponds to an output frequency of 1800MHz and a PFD frequency of 400kHz using
a 76.8MHz reference clock (calibration algorithm of the VCO is automatically started).
7.4
VCO calibration procedure
Calibration of the VCO center frequency is activated by a transition of the SERCAL bit (ST1
register bit[6]) from 0 to 1.
To program the device properly while ensuring VCO calibration, perform the following steps
before every channel change:
1.
Program the ST1 register with the desired settings (R counter, VCO amplitude, charge
pump, prescaler modulus) and with the SERCAL bit set to 0.
2.
Program the ST2 register with the desired settings (functional mode, B and A
counters).
3.
Program the ST1 register with the desired settings (R counter, VCO amplitude, charge
pump, prescaler modulus) and with the SERCAL bit set to 1.
4.
The maximum allowed PFD frequency (FPFD) during calibration is 1 MHz; if you want a
FPFD higher than 1MHz, perform the following additional steps:
a)
Perform all the steps of the calibration procedure, making sure to program the
desired VCO frequency with proper settings of the R, B and A counters so that
FPFD is ≤1MHz.
b)
Program the device with the desired VCO and PFD frequency settings using only
steps 1) and 2) above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com