Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4239 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 14Page - Cirrus Logic CS4239 Datasheet HTML 15Page - Cirrus Logic CS4239 Datasheet HTML 16Page - Cirrus Logic CS4239 Datasheet HTML 17Page - Cirrus Logic CS4239 Datasheet HTML 18Page - Cirrus Logic CS4239 Datasheet HTML 19Page - Cirrus Logic CS4239 Datasheet HTML 20Page - Cirrus Logic CS4239 Datasheet HTML 21Page - Cirrus Logic CS4239 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
dors and the size may vary according to specific
customer requirements. The maximum size for
resource data supported by the part’s internal
RAM is 384 bytes of combined Hardware Con-
figuration and PnP resource data. With the
addition of the 4-byte header, the maximum
amount of E
2PROM space used would be 388
bytes. However, the part also supports firmware
upgrades via the E
2PROM. To support firmware
upgrades, the E
2PROM size must be greater than
770 bytes. After power-up, the existence of an
E
2PROM is checked by reading the first two
bytes from the E
2PROM interface. If the first
two bytes from the E
2PROM port read 55h and
BBh, then the rest of the E
2PROM data is
loaded into the internal RAM. If the first two
bytes aren’t correct, the E
2PROM is assumed not
to exist. For motherboard designs, internal de-
fault PnP data is provided or a Hostload
sequence can be used to update the resource
data. If the part is installed on a plug-in card,
then an external E
2PROM is required to ensure
that the proper PnP resource data is loaded into
the internal RAM prior to a PnP sequence. See
Physical Device
Logical Device
Best Choice
Acceptable
Choice 1
Sub optimal
Choice 1
Sub optimal
Choice 2
WSS
0
EISA ID = CSC0000
ANSI ID = WSS/SB
16-bit address
decode
WSSbase
Length/Alignment
534h
4/4
534-FFC
4/4
534-FFCh
4/4
high true
edge sensitive
IRQ
5
(SB share)
5,7,9,11,12,15
(SB share)
5, 7, 9, 11, 12, 15
(SB share)
8-bit, count by
byte, type A
DMA0
(playback)
1
(SB share)
1, 3
(SB share)
0, 1, 3
(SB share)
same
DMA1
(record)
0, 3
0, 1, 3
----
Synthesis
0
16-bit address
decode
SYNbase
Length/Alignment
388h
4/8
388h
4/8
388-3F8h
4/8
IRQ
----
----
----
SB Pro
0
16-bit address
decode
SBbase
Length/Alignment
220h
16/32
220-260h
16/32
220-300h
16/32
Game Port
1
EISA ID = CSC0001
ANSI ID = GAME
16-bit address
decode
GAMEbase
Length/Alignment
200h
8/8
208h
8/8
Control
2
EISA ID = CSC0010
ANSI ID = CTRL
16-bit address
decode
CTRLbase
Length/Alignment
120-FF8h
8/8
IRQ
----
MPU401
3
EISA ID = CSC0003
ANSI ID = MPU
16-bit address
decode
MPUbase
Length/Alignment
330h
2/8
330-360h
2/8
330-3E0h
2/8
IRQ
9
9,11,12,15
----
---- Feature not supported in the listed configuration, but is supported through customization.
Table 1. Typical Motherboard Plug-and-Play Resource Data
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com