Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4239 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS4239
Description  CrystalClear??Portable ISA Audio System
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4239 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS4239 Datasheet HTML 40Page - Cirrus Logic CS4239 Datasheet HTML 41Page - Cirrus Logic CS4239 Datasheet HTML 42Page - Cirrus Logic CS4239 Datasheet HTML 43Page - Cirrus Logic CS4239 Datasheet HTML 44Page - Cirrus Logic CS4239 Datasheet HTML 45Page - Cirrus Logic CS4239 Datasheet HTML 46Page - Cirrus Logic CS4239 Datasheet HTML 47Page - Cirrus Logic CS4239 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
Capture Data Format (I28)
Default = x0x0xxxx
D7
D6
D5
D4
D3
D2
D1
D0
rbc16B
rbcS/M
res
res
res
res
S/M
Stereo/Mono Select: This bit deter-
mines how the capture audio data
stream is formatted. Selecting stereo
will result with alternating samples
representing left and right audio
channels. Selecting mono only cap-
tures data from the left audio
channel. MCE (R0) or CMCE (I16)
must be set to modify S/M. See
Changing Audio Data Formats sec-
tion for more details.
0 - Mono
1 - Stereo
16B
selects between 8-bit unsigned and
16-bit signed data for capture. The
capture data format can be different
than the playback data format. MCE
(R0) or CMCE (I16) must be set to
modify this register. See
Changing
Audio Data Formats section for
more details.
0 - 8-bit unsigned data
1 - 16-bit signed data
Right Master Output Volume (I29)
Default = 00100011
D7
D6
D5
D4
D3
D2
D1
D0
ROM
ROS1
ROS0
ROG4
ROG3
ROG2
ROG1
ROG0
When Hardware Volume is enabled, VCEN in C8 or
X24 is set, this register will change based on external
buttons.
ROG4-ROG0
Right Output, ROUT, Master Gain.
ROG0 is the least significant bit and
represents -2 dB, with 00011 = 0 dB.
The span is nominally +6 dB to
-56 dB. See Table 9.
ROS1,0
Right Output Mixer Select. These bits
select and attenuation into the right
output Master Gain stage, ROG4-0.
00 - -16 dB
01 - 0 dB
10 - -8 dB
11 - -24 dB
ROM
Right Output Mute. When set to 1,
the right output, ROUT, is muted.
Capture Upper Base (I30)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
CUB7
CUB6
CUB5
CUB4
CUB3
CUB2
CUB1
CUB0
CUB7-CUB0
Capture Upper Base: This register is
the upper byte which represents the
8 most significant bits of the 16-bit
Capture Base register. Reads from
this this register returns the same
value that was written.
Capture Lower Base (I31)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
CLB7
CLB6
CLB5
CLB4
CLB3
CLB2
CLB1
CLB0
CLB7-CLB0
Lower Base Bits: This register is the
lower byte which represents the 8
least significant bits of the 16-bit
Capture Base register. Reads from
this register returns the same value
which was written.
DS253PP2
CS4239
CrystalClear Portable ISA Audio System
TM
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com