| Electronic Components Datasheet Search |
|
STE2004SDIE2 Datasheet(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004SDIE2 Datasheet(HTML) 52 Page - STMicroelectronics |
|
52 / 79 page ![]() Instruction set STE2004S 52/79 If the DIR bit is set to a logic 0, the offset register is increased by one and the raster is scrolled from top down. If the DIR bit is set to a logic 1, the offset register is decreased by one and the raster is scrolled from bottom-up. 5.6 Dual partial display If the PE bit is set to a logic one the dual partial display mode is enabled. There are eight partial display modes available. The offset of the two partial display zones is row by row programmable. The icon row is accessed last in each partial display frame. Two sets of register for the HV-generator parameters are provided (PRS[1:0], Vop[6:0], BS[2:0], CP[2:0]), allowing normal mode and partial display mode to be switched using one instruction. The HV generator is automatically reconfigured using the parameters related to the enabled mode. The parameters of the two sets of registers with the same function are located in the same position of the instruction set. The registers related to the normal mode are accessible when normal mode (PE=0) is selected, the others are accessible when the partial display mode is enabled (PE=1). To setup the PRS[1:0], Vop[6:0], BS[2:0], CP[2:0] values, follow the instruction flow proposed in Figure 54. To setup partial display sectors start qddress and partial display mode no particular instruction flow has to be followed. Figure 53. Dual partial display enabling instruction flow Table 23. Scrolling function MUX Rate Icon mode Description Icon row driver with MY=0 MUX 33 1 Icon row not scrooled R48 MUX 33 0 33 line graphic matrix R48 MUX 49 1 Icon row not scrooled R56 MUX 49 0 49 line graphic matrix R56 MUX 65 1 Icon row not scrooled R64 MUX 65 0 65 line graphic matrix R64 ENABLE DUAL PARTIAL DISPLAY END OF ENABLING DUAL PARTIAL DISPLAY SET PE=1 OPTIONAL1 SET 1st Sector Start Address SET 2nd Sector Start Address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |