Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2004SDIE2 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STE2004SDIE2
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004SDIE2 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STE2004SDIE2 Datasheet HTML 38Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 39Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 40Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 41Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 42Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 43Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 44Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 45Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
Bus interfaces
STE2004S
42/79
Figure 48.
68000-series parallel interface protocol in reading mode (several bytes)
4.3.2
8080-series parallel interface
If CS is low after the positive edge of RES, the 8080 parallel interface is ready to receive or
transmit data. While CS pin is high the 8080 parallel interface is kept in reset.
Write mode
Data are latched on WR rising edge.
Read mode
Data is output on the D0-D7 bus on the RD rising edge. The data bus is set in high impedance
mode when RD is set to logic 1.
The I2C address or status byte is output on D0-D7 bus, accordingly to R bit value.
Figure 49.
8080-series parallel bus protocol - one byte transmission
D/C
CS
D0
to
D7
E
R/W
LR0046
Note 1) Data Bus is configured in high impedence mode after evry RD rising edge
2) Always the same data is output on D0-D7
D/C
CS
D0
to
D7
WR
RD
LR0083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com