Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2004SDIE2 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STE2004SDIE2
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004SDIE2 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STE2004SDIE2 Datasheet HTML 34Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 35Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 36Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 37Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 38Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 39Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 40Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 41Page - STMicroelectronics STE2004SDIE2 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
Bus interfaces
STE2004S
38/79
Figure 40.
3-lines SPI reading sequence
4.2.3
3-lines 9 bits serial interface
The STE2004S 3-lines serial interface is a bidirectional link between the display driver and
the application supervisor.
It consists of three lines: one/two for data signals (SDIN, SDOUT), one for clock signals
(SCLK) and one for peripheral enable (CS).
The serial interface is active only if the CS line is set to a logic 0. When CS line is high the
serial peripheral power consumption is zero. While CS pin is high the serial interface is kept
in reset.
The STE2004S is always a slave on the bus and receives the communication clock on the
SCLK pin from the master.
Information is exchanged word-wide. The word is composed of 9 bits. The first bit is named
SD/C and indicates whether the following byte is a command (SD/C =0) or data byte (SD/C
=1). During data transfer, the data line is sampled on the positive SCLK edge.
If CS stays low after the last bit of a command/data byte, the serial interface expects the
SD/C bit of the next word at the next SCLK positive edge. A reset pulse on RES pin
interrupts the transmission. No data is written into the data RAM and all the internal
registers are cleared. If CS is low after the positive edge of RES, the serial interface is ready
to receive data.
Throughout SDOUT, only the driver I2C slave address or the status byte can be read. The
command sequence that the I2C slave address or status byte to be read is shown in
Figure
43. and Figure 44.. SDOUT is in high impedance in steady state and during data write.
READING SEQUENCE
Set Co bit =1, D/C Bit =0 R/W Bit =1
Source 8 pulses on SCLK and
Read the ID-Number or the Status Byte On SDOUT
END OF READING SEQUENCE
SDOUT Buffer Configured in High Impedence
LR0079
SDOUT Buffer become active (Low Impedence)
1
note: 1) these data are not read by the display Diver
2) SDIN and SDOUT can be short circuited if the processor can configure
serial output buffers in high impedence during data read
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com