Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8580AGEFT Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8580AGEFT
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFT Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFT Datasheet HTML 36Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 37Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 38Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 39Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 40Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 41Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 42Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 43Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
40
DIGITAL ROUTING OPTIONS
The WM8580 has extremely flexible digital interface routing options, which are illustrated in Figure
25. It has S/PDIF Receiver, S/PDIF Transmitter, 3 Stereo DACs, a Stereo ADC, a Primary Audio
Interface and a Secondary Audio Interface.
Each DAC has its own digital input pin DIN1/2/3. Internal multiplexers in the Primary Audio Interface
Receiver allow the data received on any DIN pin to be routed to any DAC. Any DIN pin routed to
DAC1 can also be routed to the S/PDIF transmitter and Secondary Audio Interface Transmitter.
DAC1 may also be used to convert received S/PDIF data, or data received from the Secondary
Audio Interface. DACs 2-3 take data only from the Primary Audio Interface. The Audio Interfaces can
also output ADC data or received S/PDIF data.
The S/PDIF transmitter can output S/PDIF received data, ADC data, or data from either Audio
Interface.
Figure 25 Digital Routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com