Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8580AGEFT Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM8580AGEFT
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFT Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFT Datasheet HTML 72Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 73Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 74Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 75Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 76Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 77Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 78Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 79Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 80Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
76
REGISTER
NAME
ADDRESS
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
R39
GPO2
27
ALWAYSVALID
GPO4OP[3:0]
GPO30P[3:0]
000110010
R40
GPO3
28
0
GPO6OP[3:0]
GPO5OP[3:0]
001010100
R41
GPO4
29
0
GPO8OP[3:0]
GPO70P[3:0]
001110110
R42
GPO5
2A
0
GPO10OP[3:0]
GPO9OP[3:0]
010011000
R43
INTSTAT
2B
Error Flag Interupt Status Register
Read-only
R44
SPDRXCHAN 1
2C
Channel Status Register 1
Read-only
R45
SPDRXCHAN 2
2D
Channel Status Register 2
Read-only
R46
SPDRXCHAN 3
2E
Channel Status Register 3
Read-only
R47
SPDRXCHAN 4
2F
Channel Status Register 4
Read-only
R48
SPDRXCHAN 5
30
Channel Status Register 5
Read-only
R49
SPDSTAT
31
S/PDIF Status Register
Read-only
R50
PWRDN 1
32
0
0
ALLDACPD
1
DACPD[2:0]
ADCPD
PWDN
001111110
R51
PWRDN 2
33
0
0
0
SPDIFRXD SPDIFTXD SPDIFPD
PLLBPD
PLLAPD
OSCPD
000111110
R52
READBACK
34
0
0
0
0
READEN
CONTREAD
READMUX[2:0]
000000000
R53
RESET
35
RESET
n/a
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0
PLLA 1/
DEVID1
00h
8:0
PLLA_K[8:0]
100100001
R1
PLLA 2/
DEVID2
01h
8:0
PLLA_K[17:9]
101111110
3:0
PLLA_K[21:18]
1101
Fractional (K) part of PLLA frequency ratio (R).
Value K is one 22-digit binary number spread over registers R0,
R1 and R2 as shown.
Reading from these registers will return the device ID.
R0 returns 10000000 = 80h
R1 returns 10000101 = 85h
Device ID readback is not possible in continuous readback mode
(CONTREAD=1).
R2
PLLA 3/
DEVREV
02h
7:4
PLLA_N[3:0]
0111
Integer (N) part of PLLA frequency ratio (R).
Use values in the range 5 ≤ PLLA_N ≤ 13 as close as possible to
8.
Reading from this register will return the device revision number.
0
PRESCALE_A
0
PLL Pre-scale Divider Select
0 = Divide by 1 (PLL input clock = oscillator clock)
1 = Divide by 2 (PLL input clock = oscillator clock
÷ 2)
Note: PRESCALE_A must be set to the same value as
PRESCALE_B in PLL S/PDIF receiver mode.
1
POSTSCALE_A
0
PLL Post-scale Divider Select
PLL S/PDIF Receiver Mode
POSTSCALE_A is used to configure a 256fs or 128fs PLLACLK,
POSTSCALE_B is not used. Refer to Table 45.
PLL User Mode
Used in conjunction with the FREQMODE_x bits. Refer to Table
44.
R3
PLLA 4
03h
4:3
FREQMODE_A[
1:0]
10
PLL Output Divider Select
PLL S/PDIF Receiver Mode
FREQMODE_A is automatically controlled. FREQMODE_B is not
used.
PLL User Mode
Used in conjunction with the POSTSCALE_x bits. Refer to Table
44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com