Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8580AGEFT Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8580AGEFT
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFT Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFT Datasheet HTML 21Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 22Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 23Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 24Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 25Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 26Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 27Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 28Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
25
In DSP modes A and B, left and right channels must be time multiplexed and input on the input data
line on the Audio Interface. For the PAIF Receiver, all three left/right DAC channels are multiplexed
on DIN1 (assuming DAC_SEL = 00). LRCLK is used as a frame synchronisation signal to identify the
MSB of the first word. The minimum number of BCLKs per LRCLK period is six times the selected
word length. Any mark to space ratio is acceptable on LRCLK provided the rising edge is correctly
positioned.
LEFT JUSTIFIED MODE
In Left Justified mode, the MSB of the input data is sampled by the WM8580 on the first rising edge
of BCLK following a LRCLK transition. The MSB of the output data changes on the same falling edge
of BCLK as LRCLK and may be sampled on the next rising edge of BCLK. LRCLK is high during the
left samples and low during the right samples.
Figure 14 Left Justified Mode Timing Diagram
RIGHT JUSTIFIED MODE
In Right Justified mode, the LSB of input data is sampled on the rising edge of BCLK preceding a
LRCLK transition. The LSB of the output data changes on the falling edge of BCLK preceding a
LRCLK transition, and may be sampled on the next rising edge of BCLK. LRCLKs are high during the
left samples and low during the right samples.
Figure 15 Right Justified Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com