Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC533-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPMC533-DOC
Description  32x ADC, 16x/0x DAC and 8x Digital I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC533-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPMC533-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC533-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPMC533-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
2017-12-05
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
The 8 Digital TTL tri-
state I/O lines with 4.7kΩ pull
resistors are ESD protected. The voltage, the pull resistors
are connected to, is programmable by software and can
be 3.3V, 5V, GND or floating level (one common setting
for all eight Digital I/Os).
All 8 DIOs can be programmed whether to have their
Digital I/O transmitters enabled or disabled individually per
I/O line. The Digital I/O receivers are always enabled, so
each DIO level can always be monitored and can generate
an interrupt, triggered on rising edge, falling edge or both.
Additionally, a debounce filter can be configured to get rid
of bounce on the Digital I/O lines.
Technical Information
 Standard single-wide PCI Mezzanine Card (PMC)
 conforming to IEEE P1386/P1386.1
 Board size: 149mm x 74mm
 32bit / 33MHz PCI
 DMA Master functionality
 32 channels of simultaneous sampling true differential
bipolar 16bit analog input
 Input voltage ranges: ±5V and ±10V
 Maximum sample rate: 200kSPS
 Oversampling capability
 16 or no channels of simultaneous update single-
ended unipolar/bipolar 16bit analog output
 Output voltage ranges: 0-5V, 0-10V, 0-10.8V,
±5V, ±10V and ±10.8V
Settling time: typ. 10μs
load of 2kΩ with a capacitance up to 4000pF
 Hardware Correction
 Factory calibrated
 Temperature Sensor on-board
 Programmable conversion rates
 Can be output to other modules
 Can be input from other modules
 Frame Trigger signal for synchronization purposes
 8 channels of tri-state 5V-tolerant TTL digital
input/output
 ESD protection
 HDRA100 type front I/O connector
 Operating temperature: -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
 TPMC533-10R: 487000 h
 TPMC533-20R: 497000 h
TPMC533 Block Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com