Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC533-DOC Datasheet(PDF) 3 Page - TEWS Technologies GmbH

Part # TPMC533-DOC
Description  32x ADC, 16x/0x DAC and 8x Digital I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC533-DOC Datasheet(HTML) 3 Page - TEWS Technologies GmbH

  TPMC533-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC533-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPMC533-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
2017-12-05
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Order Information
RoHS Compliant
TPMC533-10R
32 Channels of Simultaneous Sampling Differential 16 bit A/D, 16 Channels of Simultaneous Update
Single-Ended 16 bit D/A and 8 Channels of TTL Digital I/O, with HDRA100 front panel I/O
TPMC533-20R
32 Channels of Simultaneous Sampling Differential 16 bit A/D and 8 Channels of TTL Digital I/O, with
HDRA100 front panel I/O
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TPMC533-DOC
User Manual
Software
TDRV019-SW-25
Integrity Software Support
TDRV019-SW-42
VxWorks Software Support (Legacy and VxBus-Enabled Software Support)
TDRV019-SW-65
Windows Software Support
TDRV019-SW-82
Linux Software Support
TDRV019-SW-95
QNX Software Support
For other operating systems please contact TEWS.
Related Products
TA114
1.2 m Cable with one male HDRA100 Connector and two male HD50 Connectors
TA201
HD50 Terminal Block
TA313
Cable Kit for Modules with HDRA100 Connector



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com