Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT7402 Datasheet(PDF) 1 Page - Microtune,Inc

Part # MT7402
Description  RF SILICON AND SUBSYSTEMS SOLUTIONSFOR FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc

MT7402 Datasheet(HTML) 1 Page - Microtune,Inc

  MT7402 Datasheet HTML 1Page - Microtune,Inc MT7402 Datasheet HTML 2Page - Microtune,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RF SILICON AND SUBSYSTEMS SOLUTIONS
FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
M I C R O T U N E ®
The MT7402 Hybrid Car TV Tuner
Module is specifically designed to meet
the demanding performance targets of
automotive customers, at an attractive
price. This tuner is compatible with both
analog TV standards as well as with the
digital DVB-T standard, enabling
customers to realize a highly integrated,
high-performance, cost-effective hybrid
car TV receiver solution. The MT7402
Tuner Module converts the RF signal into
an IF signal. It combines a low noise
figure with high gain and offers an
operational frequency of 45 MHz to
860 MHz divided into VHF low, VHF high
and UHF bands. Signal paths for the
three different bands are realized
separately, providing excellent
performance. The RF AGC can be
controlled either externally via the RF
AGC voltage input or automatically via
the internal AGC loop control, with
programmable parameters for threshold
and time constant. The address select
function enables the use of up to four
MT7402 tuners to realize high
performance functions like tuner
diversity, frequency diversity, or blending
between analog TV and DVB-T
reception.
The analog TV section provides a
balanced IF output capable of directly
driving an external surface acoustical
wave (SAW) filter. The external
demodulation can cover all analog TV
standards, provided that the picture
carrier is fixed at 38.9 MHz and the
filtering of the tone carrier is done
accordingly.
The digital TV section contains a
switchable (7/8 MHz) SAW filter for
excellent adjacent channel performance,
an IF amplifier for filter loss
compensation, and offers a balanced IF
output to directly drive an external DVB-T
demodulator. The IF gain can be
controlled externally via the IF AGC
voltage input.
Band selection, tuning, and
several tuner functions are controlled via
I2C serial bus. The MT7402 Tuner
Module combines very small size with
high performance in harsh environments,
making them especially suitable for
automotive and mobile applications.
MT7402 HYBRID CAR TV
TUNER MODULE FOR
AUTOMOTIVE APPLICATIONS
PRODUCT BRIEF
The MT7402 is a high-end tuner for
terrestrial analog and digital TV
reception. It’s designed to meet the
stringent requirements of mobile
applications.
APPLICATIONS
Hybrid (analog and digital)
car TV receivers
Set-top box applications
FEATURES
ANALOG
Compatible with receiving
standards B/G, D/K, L/L, M/N
and I (PC fixed at 38.9 MHz)
Balanced IF output drives an
external SAW filter directly
DIGITAL
Balanced IF output (36 MHz)
with integrated switchable
(7/8 MHz) SAW filter and
integrated IF amplifier
Excellent phase noise
GENERAL
Single conversion hyperband
tuner
Input frequency range:
45 MHz to 860 MHz
Common antenna input via
pin
Excellent large-signal
behavior
Low noise figure
Very high gain
Selectable RF AGC
(externally or internally
controlled)
Externally controlled IF AGC
Address select input allows
control of up to four MT7402
modules
Conforms to DBP, EN, and
VDE
Functions controlled by I2C
bus
Horizontal housing with very
small form factor
Designed and qualified
according to automotive
requirements
MT7402 Tuner Module


Similar Part No. - MT7402

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT7402A-UR MARKTECH-MT7402A-UR Datasheet
41Kb / 1P
Marktech Axial Leaded Lensed Version LEDs
MT7402A-UR MARKTECH-MT7402A-UR Datasheet
200Kb / 1P
Axial Leaded LED Lamps
More results

Similar Description - MT7402

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT1119 MICROTUNE-MT1119 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1120 MICROTUNE-MT1120 Datasheet
69Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1230 MICROTUNE-MT1230 Datasheet
177Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1384WFC MICROTUNE-MT1384WFC Datasheet
82Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1467 MICROTUNE-MT1467 Datasheet
146Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1468 MICROTUNE-MT1468 Datasheet
152Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2064 MICROTUNE-MT2064 Datasheet
75Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2121 MICROTUNE-MT2121 Datasheet
94Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com