Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD50FSA120L2SF Datasheet(PDF) 3 Page - StarPower Europe AG

Part # GD50FSA120L2SF
Description  1200V/50A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50FSA120L2SF Datasheet(HTML) 3 Page - StarPower Europe AG

  GD50FSA120L2SF Datasheet HTML 1Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 2Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 3Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 4Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 5Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 6Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 7Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 8Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GD50FSA120L2SF
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
7/31/2024
3/9
B01
IGBT Characteristics T
H=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=50A,VGE=15V,
Tvj=25
oC
1.50
1.95
V
IC=50A,VGE=15V,
Tvj=125
oC
1.70
IC=50A,VGE=15V,
Tvj=150
oC
1.80
VGE(th)
Gate-Emitter Threshold
Voltage
IC=1.00mA,VCE=VGE,
Tvj=25
oC
5.4
6.2
7.0
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tvj=25
oC
50
uA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tvj=25
oC
100
nA
RGint
Internal Gate Resistance
0
Ω
Cies
Input Capacitance
VCE=25V,f=1MHz,
VGE=0V
4.42
nF
Cres
Reverse Transfer
Capacitance
0.04
nF
QG
Gate Charge
VGE=-15…+15V
0.32
μC
td(on)
Turn-On Delay Time
VCC=600V,IC=50A,
RG=18Ω,LS=35nH,
VGE=±15V,Tvj=25
oC
85
ns
tr
Rise Time
45
ns
td(off)
Turn-Off Delay Time
330
ns
tf
Fall Time
193
ns
Eon
Turn-On Switching
Loss
4.66
mJ
Eoff
Turn-Off Switching
Loss
4.51
mJ
td(on)
Turn-On Delay Time
VCC=600V,IC=50A,
RG=18Ω,LS=35nH,
VGE=±15V,Tvj=125
oC
86
ns
tr
Rise Time
49
ns
td(off)
Turn-Off Delay Time
385
ns
tf
Fall Time
302
ns
Eon
Turn-On Switching
Loss
5.99
mJ
Eoff
Turn-Off Switching
Loss
6.00
mJ
td(on)
Turn-On Delay Time
VCC=600V,IC=50A,
RG=18Ω,LS=35nH,
VGE=±15V,Tvj=150
oC
91
ns
tr
Rise Time
49
ns
td(off)
Turn-Off Delay Time
400
ns
tf
Fall Time
331
ns
Eon
Turn-On Switching
Loss
6.30
mJ
Eoff
Turn-Off Switching
Loss
6.31
mJ
ISC
SC Data
tP≤8μs,VGE=15V,
Tvj=150
oC,VCC=600V,
VCEM≤1200V
150
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com