Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD50FSA120L2SF Datasheet(PDF) 5 Page - StarPower Europe AG

Part # GD50FSA120L2SF
Description  1200V/50A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50FSA120L2SF Datasheet(HTML) 5 Page - StarPower Europe AG

  GD50FSA120L2SF Datasheet HTML 1Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 2Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 3Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 4Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 5Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 6Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 7Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 8Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GD50FSA120L2SF
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
7/31/2024
5/9
B01
Fig 1. IGBT Output Characteristics
Fig 2. IGBT Transfer Characteristics
Fig 3. IGBT Switching Loss vs. IC
Fig 4. IGBT Switching Loss vs. RG
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
V
CE [V]
Tvj=25℃
Tvj=125℃
Tvj=150℃
V
GE=15V
0
20
40
60
80
100
5
6
7
8
9
10 11 12 13 14
V
GE [V]
Tvj=25℃
Tvj=125℃
Tvj=150℃
V
CE=20V
0
4
8
12
16
20
0
20
40
60
80
100
I
C [A]
Eon Tvj=125℃
Eoff Tvj=125℃
Eon Tvj=150℃
Eoff Tvj=150℃
V
CC=600V
R
G=18Ω
V
GE=±15V
0
6
12
18
24
30
0
30
60
90
120
150
180
R
G [Ω]
Eon Tvj=125℃
Eoff Tvj=125℃
Eon Tvj=150℃
Eoff Tvj=150℃
V
CC=600V
I
C=50A
V
GE=±15V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com