Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD50FSA120L2SF Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD50FSA120L2SF
Description  1200V/50A 6 in one-package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50FSA120L2SF Datasheet(HTML) 1 Page - StarPower Europe AG

  GD50FSA120L2SF Datasheet HTML 1Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 2Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 3Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 4Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 5Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 6Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 7Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 8Page - StarPower Europe AG GD50FSA120L2SF Datasheet HTML 9Page - StarPower Europe AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GD50FSA120L2SF
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
7/31/2024
1/9
B01
STARPOWER
SEMICONDUCTOR
IGBT
GD50FSA120L2SF
1200V/50A 6 in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
8μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated heatsink using DBC technology
PressFIT contact technology
Typical Applications
Inverter for motor drive
AC and DC servo drive amplifier
Uninterruptible power supply
Equivalent Circuit Schematic


Similar Part No. - GD50FSA120L2SF

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD50FSA120L2SMF STARPOWER-GD50FSA120L2SMF Datasheet
563Kb / 9P
1200V/50A 6 in one-package
10/14/2024
More results

Similar Description - GD50FSA120L2SF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBI50UA-120 ETC-6MBI50UA-120 Datasheet
119Kb / 5P
1200V / 50A 6 in one-package
logo
Fuji Electric
6MBP25TEA120 FUJI-6MBP25TEA120 Datasheet
304Kb / 8P
1200V / 25A 6 in one-package
6MBP50TEA060 FUJI-6MBP50TEA060 Datasheet
304Kb / 8P
Econo IPM series 600V / 50A 6 in one-package
7MBP50TEA120 FUJI-7MBP50TEA120 Datasheet
352Kb / 9P
Econo IPM series 1200V / 50A 7 in one-package
6MBP50TEA120 FUJI-6MBP50TEA120 Datasheet
307Kb / 8P
Econo IPM series 1200V / 50A 6 in one-package
logo
List of Unclassifed Man...
6MBP50RJ120 ETC2-6MBP50RJ120 Datasheet
304Kb / 8P
IGBT IPM R-series 1200V class 1200V / 50A 6 in one-package
logo
Fuji Electric
6MBI100UC-120 FUJI-6MBI100UC-120 Datasheet
128Kb / 5P
1200V / 100A 6 in one-package
6MBP25RJ120 FUJI-6MBP25RJ120 Datasheet
315Kb / 8P
1200V / 25A 6 in one-package
6MBP50RJ120 FUJI-6MBP50RJ120 Datasheet
303Kb / 8P
1200V / 50A 6 in one-package
1MBI50U4F-120L-50 FUJI-1MBI50U4F-120L-50 Datasheet
452Kb / 7P
IGBT MODULE (U series) 1200V / 50A / 1 in one package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com