Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75PIX65C6S Datasheet(PDF) 3 Page - StarPower Europe AG

Part # GD75PIX65C6S
Description  650V/75A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD75PIX65C6S Datasheet(HTML) 3 Page - StarPower Europe AG

  GD75PIX65C6S Datasheet HTML 1Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 2Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 3Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 4Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 5Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 6Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 7Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 8Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
GD75PIX65C6S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
3/17/2018
3/13
Preliminary
IGBT-inverter Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=75A,VGE=15V,
Tj=25
oC
1.45
1.90
V
IC=75A,VGE=15V,
Tj=125
oC
1.60
IC=75A,VGE=15V,
Tj=150
oC
1.70
VGE(th)
Gate-Emitter Threshold
Voltage
IC=1.20mA,VCE=VGE,
Tj=25
oC
5.1
5.8
6.5
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tj=25
oC
1.0
mA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tj=25
oC
400
nA
RGint
Internal Gate Resistance
4.0
Ω
Cies
Input Capacitance
VCE=25V,f=1MHz,
VGE=0V
8.69
nF
Cres
Reverse Transfer
Capacitance
0.17
nF
QG
Gate Charge
VGE=-15…+15V
0.52
μC
td(on)
Turn-On Delay Time
VCC=300V,IC=75A,
RG
=5.1Ω,V
GE=±15V,
Tj=25
oC
20
ns
tr
Rise Time
16
ns
td(off)
Turn-Off Delay Time
160
ns
tf
Fall Time
68
ns
Eon
Turn-On Switching
Loss
0.36
mJ
Eoff
Turn-Off Switching
Loss
1.36
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=75A,
RG
=5.1Ω,V
GE=±15V,
Tj=125
oC
20
ns
tr
Rise Time
18
ns
td(off)
Turn-Off Delay Time
180
ns
tf
Fall Time
96
ns
Eon
Turn-On Switching
Loss
0.48
mJ
Eoff
Turn-Off Switching
Loss
1.84
mJ
td(on)
Turn-On Delay Time
VCC=300V,IC=75A,
RG
=5.1Ω,V
GE=±15V,
Tj=150
oC
20
ns
tr
Rise Time
19
ns
td(off)
Turn-Off Delay Time
184
ns
tf
Fall Time
112
ns
Eon
Turn-On Switching
Loss
0.56
mJ
Eoff
Turn-Off Switching
Loss
1.92
mJ
ISC
SC Data
tP
≤6μs,V
GE=15V,
Tj=150
oC,V
CC=360V,
VCEM
≤650V
380
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com