Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75PIX65C6S Datasheet(PDF) 8 Page - StarPower Europe AG

Part # GD75PIX65C6S
Description  650V/75A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD75PIX65C6S Datasheet(HTML) 8 Page - StarPower Europe AG

Back Button GD75PIX65C6S Datasheet HTML 4Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 5Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 6Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 7Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 8Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 9Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 10Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 11Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 12Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
GD75PIX65C6S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
3/17/2018
8/13
Preliminary
Fig 1. IGBT-inverter Output Characteristics
Fig 2. IGBT-inverter Transfer Characteristics
Fig 3. IGBT-inverter Switching Loss vs. IC
Fig 4. IGBT-inverter Switching Loss vs. RG
0
25
50
75
100
125
150
0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7
V
CE [V]
Tj=25℃
Tj=125℃
Tj=150℃
V
GE=15V
0
25
50
75
100
125
150
6
7
8
9
10
11
12
V
GE [V]
Tj=25℃
Tj=125℃
Tj=150℃
V
CE=20V
0
0.5
1
1.5
2
2.5
3
3.5
4
0
30
60
90
120
150
I
C [A]
Eon,Tj=125℃
Eoff,Tj=125℃
Eon,Tj=150℃
Eoff,Tj=150℃
V
CC=300V
R
G=5.1Ω
V
GE=±15V
0
1
2
3
4
5
6
7
8
9
10
0
5 10 15 20 25 30 35 40 45 50 55
R
G [Ω]
Eon,Tj=125℃
Eoff,Tj=125℃
Eon,Tj=150℃
Eoff,Tj=150℃
V
CC=300V
I
C=75A
V
GE=±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com