Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75PIX65C6S Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD75PIX65C6S
Description  650V/75A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD75PIX65C6S Datasheet(HTML) 1 Page - StarPower Europe AG

  GD75PIX65C6S Datasheet HTML 1Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 2Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 3Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 4Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 5Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 6Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 7Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 8Page - StarPower Europe AG GD75PIX65C6S Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
GD75PIX65C6S
IGBT Module
©2018 STARPOWER Semiconductor Ltd.
3/17/2018
1/13
Preliminary
STARPOWER
SEMICONDUCTOR
IGBT
GD75PIX65C6S
650V/75A PIM in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
6
μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
Typical Applications
Inverter for motor drive
AC and DC servo drive amplifier
Uninterruptible power supply
Equivalent Circuit Schematic


Similar Part No. - GD75PIX65C6S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD75PIX65C5SN STARPOWER-GD75PIX65C5SN Datasheet
585Kb / 13P
650V/75A PIM in one-package
6/25/2020
More results

Similar Description - GD75PIX65C6S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2MBI75UA-120 ETC2-2MBI75UA-120 Datasheet
104Kb / 4P
IGBT Module U-Series 1200V / 75A 2 in one-package
6MBI75UA-120 ETC2-6MBI75UA-120 Datasheet
152Kb / 5P
IGBT Module U-Series 1200V / 75A 6 in one-package
logo
Fuji Electric
6MBP75TEA120 FUJI-6MBP75TEA120 Datasheet
313Kb / 8P
Econo IPM series 1200V / 75A 6 in one-package
7MBP75TEA060 FUJI-7MBP75TEA060 Datasheet
355Kb / 9P
600V / 75A 7 in one-package
6MBI75UC-120 FUJI-6MBI75UC-120 Datasheet
128Kb / 5P
IGBT Module U-Series 1200V / 75A 6 in one-package
logo
List of Unclassifed Man...
6MBP75RTB060 ETC2-6MBP75RTB060 Datasheet
727Kb / 8P
IPM-R3 series 600V / 75A 6 in one-package
logo
Fuji Electric
7MBP75RA060 FUJI-7MBP75RA060 Datasheet
1Mb / 8P
IGBT-IPM R series 600V / 75A 7 in one-package
1MBI75U4F-120L-50 FUJI-1MBI75U4F-120L-50 Datasheet
454Kb / 7P
IGBT MODULE (U series) 1200V / 75A / 1 in one package
2MBI75VA-120-50 FUJI-2MBI75VA-120-50 Datasheet
464Kb / 6P
IGBT MODULE (V series) 1200V / 75A / 2 in one package
logo
MacMic
MMG75WD120XB6TC MACMIC-MMG75WD120XB6TC Datasheet
496Kb / 9P
1200V 75A PIM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com