Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG520. Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFG520.
Description  NPN 9 GHz wideband transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG520. Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BFG520. Datasheet HTML 2Page - NXP Semiconductors BFG520. Datasheet HTML 3Page - NXP Semiconductors BFG520. Datasheet HTML 4Page - NXP Semiconductors BFG520. Datasheet HTML 5Page - NXP Semiconductors BFG520. Datasheet HTML 6Page - NXP Semiconductors BFG520. Datasheet HTML 7Page - NXP Semiconductors BFG520. Datasheet HTML 8Page - NXP Semiconductors BFG520. Datasheet HTML 9Page - NXP Semiconductors BFG520. Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NXP Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFG520; BFG520/X; BFG520/XR
In Figs 7 to 10, GUM = maximum unilateral power gain;
MSG = maximum stable gain; Gmax = maximum available
gain.
Fig.7 Gain as a function of collector current.
VCE = 6 V; f = 900 MHz; Tamb =25 °C.
handbook, halfpage
010
IC (mA)
20
30
25
0
20
15
gain
(dB)
10
5
MRA674
MSG
GUM
Gmax
Fig.8 Gain as a function of collector current.
VCE = 6 V; f = 2 GHz; Tamb =25 °C.
handbook, halfpage
010
IC (mA)
20
30
25
0
20
15
gain
(dB)
10
5
MRA675
MSG
GUM
Gmax
Fig.9 Gain as a function of frequency.
IC = 5 mA; VCE = 6 V; Tamb =25 °C.
handbook, halfpage
50
gain
(dB)
0
10
MRA676
10
2
103
10
4
10
20
30
f (MHz)
40
MSG
GUM
Gmax
Fig.10 Gain as a function of frequency.
IC = 20 mA; VCE = 6 V; Tamb =25 °C.
handbook, halfpage
50
gain
(dB)
0
10
MRA677
10
2
103
10
4
10
20
30
f (MHz)
40
MSG
Gmax
GUM
Rev. 04 - 23 November 2007
6 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com