Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG520. Datasheet(PDF) 14 Page - NXP Semiconductors

Part # BFG520.
Description  NPN 9 GHz wideband transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG520. Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button BFG520. Datasheet HTML 6Page - NXP Semiconductors BFG520. Datasheet HTML 7Page - NXP Semiconductors BFG520. Datasheet HTML 8Page - NXP Semiconductors BFG520. Datasheet HTML 9Page - NXP Semiconductors BFG520. Datasheet HTML 10Page - NXP Semiconductors BFG520. Datasheet HTML 11Page - NXP Semiconductors BFG520. Datasheet HTML 12Page - NXP Semiconductors BFG520. Datasheet HTML 13Page - NXP Semiconductors BFG520. Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
NXP Semiconductors
BFG520; BFG520/X; BFG520/XR
NPN 9 GHz wideband transistor
© NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 23 November 2007
Document identifier: BFG520XR_N_4
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
Revision history
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BFG520XR_N_4
20071123
Product data sheet
-
BFG520XR_CNV_3
Modifications:
• Pinning table on page 2; changed code
BFG520XR_CNV_3
19950901
Product specification
-
BFG520XR_2
BFG520XR_2
-
Product specification
-
BFG520XR_1
BFG520XR_1
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com