Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG520. Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BFG520.
Description  NPN 9 GHz wideband transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG520. Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BFG520. Datasheet HTML 6Page - NXP Semiconductors BFG520. Datasheet HTML 7Page - NXP Semiconductors BFG520. Datasheet HTML 8Page - NXP Semiconductors BFG520. Datasheet HTML 9Page - NXP Semiconductors BFG520. Datasheet HTML 10Page - NXP Semiconductors BFG520. Datasheet HTML 11Page - NXP Semiconductors BFG520. Datasheet HTML 12Page - NXP Semiconductors BFG520. Datasheet HTML 13Page - NXP Semiconductors BFG520. Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NXP Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFG520; BFG520/X; BFG520/XR
Fig.19 Common emitter reverse transmission coefficient (S12).
IC = 20 mA; VCE = 6 V.
handbook, full pagewidth
MRA680
0.25
0.20
0.15
0.10
0.05
180
°
−90°
−135°
−45°
0
°
45
°
90
°
135
°
3 GHz
40 MHz
Fig.20 Common emitter output reflection coefficient (S22).
IC = 20 mA; VCE = 6 V.
Zo =50 Ω.
handbook, full pagewidth
MRA681
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
1
2
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
3 GHz
40 MHz
Rev. 04 - 23 November 2007
10 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com