Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2127PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR2127PBF
Description  CURRENT SENSING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2127PBF Datasheet(HTML) 1 Page - International Rectifier

  IR2127PBF Datasheet HTML 1Page - International Rectifier IR2127PBF Datasheet HTML 2Page - International Rectifier IR2127PBF Datasheet HTML 3Page - International Rectifier IR2127PBF Datasheet HTML 4Page - International Rectifier IR2127PBF Datasheet HTML 5Page - International Rectifier IR2127PBF Datasheet HTML 6Page - International Rectifier IR2127PBF Datasheet HTML 7Page - International Rectifier IR2127PBF Datasheet HTML 8Page - International Rectifier IR2127PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage dV/dt immune
• Application- specific gate drive range:
Motor Drive: 12 to 20V (IR2127/IR2128)
Automotive: 9 to 20V (IR21271)
• Undervoltage lockout
• 3.3V, 5V and 15V input logic compatible
• FAULT lead indicates shutdown has occured
• Output in phase with input (IR2127/IR21271)
• Output out of phase with input (IR2128)
• Avaliable in Lead-Free
CURRENT SENSING SINGLE CHANNEL DRIVER
VOFFSET
600V max.
IO+/-
200 mA / 420 mA
VOUT
12 - 20V
9 - 20V
(IR2127/IR2128) (IR21271)
VCSth
250 mV or 1.8V
ton/off (typ.)
200 & 150 ns
Typical Connection
www.irf.com
1
Packages
IR2127/IR21271
IR2128
8-Lead PDIP
8-Lead SOIC
IR2127(S) / IR2128(S)
IR21271(S) & (PbF)
Data Sheet No. PD60143-O
Description
The IR2127/IR2128/IR21271(S) is a high voltage, high
speed power MOSFET and IGBT driver. Proprietary
HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction. The logic input is
compatible with standard CMOS or LSTTL outputs,
down to 3.3V. The protection circuity detects over-cur-
rent in the driven power transistor and terminates the
gate drive voltage. An open drain FAULT signal is pro-
vided to indicate that an over-current shutdown has oc-
curred. The output driver features a high pulse current
buffer stage designed for minimum cross-conduction.
The floating channel can be used to drive an N-chan-
nel power MOSFET or IGBT in the high side or low
side configuration which operates up to 600 volts.
Product Summary
V
CC
V
B
CS
HO
V
S
COM
IN
FAULT
V
CC
IN
FAULT
V
CC
V
B
CS
HO
V
S
COM
IN
FAULT
V
CC
IN
FAULT
(Refer to Lead Assignments for correct pin
configuration). This/These diagram(s) show
electrical connections only. Please refer to
our Application Notes and DesignTips for
proper circuit board layout.


Similar Part No. - IR2127PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2127 IRF-IR2127 Datasheet
230Kb / 6P
CURRENT SENSING SINGLE CHANNEL DRIVER
IR2127 IRF-IR2127 Datasheet
199Kb / 16P
SURRENT SENSING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2127 INFINEON-IR2127 Datasheet
201Kb / 16P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
IR21271 INFINEON-IR21271 Datasheet
201Kb / 16P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
IR21271S INFINEON-IR21271S Datasheet
201Kb / 16P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
More results

Similar Description - IR2127PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2127 IRF-IR2127 Datasheet
230Kb / 6P
CURRENT SENSING SINGLE CHANNEL DRIVER
IR2122 IRF-IR2122 Datasheet
91Kb / 6P
CURRENT SENSING SINGLE CHANNEL DRIVER
IRS212PBF IRF-IRS212PBF Datasheet
371Kb / 21P
CURRENT SENSING SINGLE CHANNEL DRIVER
logo
Micrel Semiconductor
MIC5020 MICREL-MIC5020_05 Datasheet
185Kb / 8P
Current-Sensing Low-Side MOSFET Driver
logo
International Rectifier
IR21271STRPBF IRF-IR21271STRPBF Datasheet
320Kb / 21P
CURRENT SENSING SINGLE CHANNEL DRIVER
IR2127STRPBF IRF-IR2127STRPBF Datasheet
199Kb / 16P
CURRENT SENSING SINGLE CHANNEL DRIVER
IR2127 IRF-IR2127_15 Datasheet
199Kb / 16P
SURRENT SENSING SINGLE CHANNEL DRIVER
IRS2127PBF IRF-IRS2127PBF_15 Datasheet
320Kb / 21P
CURRENT SENSING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IRS212 INFINEON-IRS212 Datasheet
741Kb / 21P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60299
IR2127 INFINEON-IR2127 Datasheet
201Kb / 16P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com