Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2127PBF Datasheet(PDF) 12 Page - International Rectifier

Part # IR2127PBF
Description  CURRENT SENSING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2127PBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2127PBF Datasheet HTML 8Page - International Rectifier IR2127PBF Datasheet HTML 9Page - International Rectifier IR2127PBF Datasheet HTML 10Page - International Rectifier IR2127PBF Datasheet HTML 11Page - International Rectifier IR2127PBF Datasheet HTML 12Page - International Rectifier IR2127PBF Datasheet HTML 13Page - International Rectifier IR2127PBF Datasheet HTML 14Page - International Rectifier IR2127PBF Datasheet HTML 15Page - International Rectifier IR2127PBF Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
www.irf.com
IR2127(S) / IR21271(S) / IR2128(S) & (PbF)
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Max.
Temperature (oC)
Figure 26A Logic “0” Input Current
vs Temperature
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
Max.
Typ
Temperature (oC)
Figure 25A Logic “1” Input Current
vs Temperature
0
5
10
15
20
25
30
35
40
10
12
14
16
18
20
Max.
Typ
Vcc Supply Voltage (V)
Figure 25B Logic “1” Input Current
vs Voltage
0
1
2
3
4
5
10
12
14
16
18
20
Max.
Vcc Supply Voltage (V)
Figure 26B Logic “0” Input Current
vs Voltage
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
Typ
.
Max
.
Temperature (oC)
Figure 24A Vcc Supply Current
vs Temperature
0
50
100
150
200
250
300
10
12
14
16
18
20
Typ
Max
.
Vcc Supply Voltage (V)
Figure 24B Vcc Supply Current
vs Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com