Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2127PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR2127PBF
Description  CURRENT SENSING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2127PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2127PBF Datasheet HTML 6Page - International Rectifier IR2127PBF Datasheet HTML 7Page - International Rectifier IR2127PBF Datasheet HTML 8Page - International Rectifier IR2127PBF Datasheet HTML 9Page - International Rectifier IR2127PBF Datasheet HTML 10Page - International Rectifier IR2127PBF Datasheet HTML 11Page - International Rectifier IR2127PBF Datasheet HTML 12Page - International Rectifier IR2127PBF Datasheet HTML 13Page - International Rectifier IR2127PBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
www.irf.com
IR2127(S) / IR21271(S) / IR2128(S) & (PbF)
Temperature (oC)
Figure 19A CS Input Positive Going Voltage
vs Temperature (IR2127/IR2128)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Min.
Typ.
Max.
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
Max.
Temperature (oC)
Figure 20A High Level Output vs Temperature
0
0.2
0.4
0.6
0.8
1
10
12
14
16
18
20
Max.
Vcc Supply Voltage (V)
Figure 20B High Level Output vs Voltage
0
100
200
300
400
500
10
12
14
16
18
20
Vcc Supply Voltage (V)
Min.
Typ.
Max.
Vcc Supply Voltage (V)
Figure 19B CS Input Positive Going Voltage
vs Voltage (IR2127/IR2128)
Temperature (oC)
Figure 18A Logic “0” Input Voltage (IR2127)
Logic “1” Input Voltage (IR2128)
vs Temperature
0
0.8
1.6
2.4
3.2
4
-50
-25
0
25
50
75
100
125
0
0.8
1.6
2.4
3.2
4
10
12
14
16
18
20
Max
VCC Supply Voltage (V)
Figure 18B Logic “0” Input Voltage (IR2127)
Logic “1” Input Voltage (IR2128)
vs Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com