Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUSX Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 84Page - STMicroelectronics ST7LITEUSX Datasheet HTML 85Page - STMicroelectronics ST7LITEUSX Datasheet HTML 86Page - STMicroelectronics ST7LITEUSX Datasheet HTML 87Page - STMicroelectronics ST7LITEUSX Datasheet HTML 88Page - STMicroelectronics ST7LITEUSX Datasheet HTML 89Page - STMicroelectronics ST7LITEUSX Datasheet HTML 90Page - STMicroelectronics ST7LITEUSX Datasheet HTML 91Page - STMicroelectronics ST7LITEUSX Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 108 page
background image
ST7LITEUSx
88/108
12.10 10-BIT ADC CHARACTERISTICS
Subject to general operating condition for VDD, fOSC, and TA unless otherwise specified.
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD-VSS=5V. They are given only as design guide-
lines and are not tested.
2. The maximum ADC clock frequency allowed within VDD = 2.4V to 2.7V operating range is 1MHz.
3. When VDDA and VSSA pins are not available on the pinout, the ADC refers to VDD and VSS.
4. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
5. The stabilization time of the A/D converter is masked by the first tLOAD. The first conversion after the enable is then
always valid.
Figure 64. Typical Application with ADC
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
fADC
ADC clock frequency 2)
4MHz
VAIN
Conversion voltage range 3)
VSSA
VDDA
V
RAIN
External input resistor
VDD = 5V, fADC=4MHz
8k 4)
Ω
VDD = 3.3V, fADC=4MHz
7k 4)
2.7V
≤ V
DD ≤5.5V, fADC=2MHz
10k 4)
2.4V
≤ V
DD ≤2.7V, fADC=1MHz
TBD 4)
CADC
Internal sample and hold capacitor
3
pF
tSTAB
Stabilization time after ADC enable
fCPU=8MHz, fADC=4MHz
0 5)
µs
tADC
Conversion time (Sample+Hold)
3.5
- Sample capacitor loading time
- Hold conversion time
4
10
1/fADC
AINx
ST7LITEUSx
VDD
IL
±1
µA
VT
0.6V
VT
0.6V
CADC
VAIN
RAIN
10-Bit A/D
Conversion
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com