Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUSX Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 85Page - STMicroelectronics ST7LITEUSX Datasheet HTML 86Page - STMicroelectronics ST7LITEUSX Datasheet HTML 87Page - STMicroelectronics ST7LITEUSX Datasheet HTML 88Page - STMicroelectronics ST7LITEUSX Datasheet HTML 89Page - STMicroelectronics ST7LITEUSX Datasheet HTML 90Page - STMicroelectronics ST7LITEUSX Datasheet HTML 91Page - STMicroelectronics ST7LITEUSX Datasheet HTML 92Page - STMicroelectronics ST7LITEUSX Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
ST7LITEUSx
89/108
ADC CHARACTERISTICS (Cont’d)
ADC Accuracy with VDD = 3.3V to 5.5V
Note:
1. Data based on characterization results over the whole temperature range.
ADC Accuracy with VDD = 2.7V to 3.3V
Note:
1. Data based on characterization results over the whole temperature range.
ADC Accuracy with VDD = 2.4V to 2.7V
Note:
1. Data based on characterization results at a temperature range
≥ 25°C.
Symbol 1)
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error
fCPU=8MHz, fADC=4MHz
1)
2.1
5.0
LSB
|EO|
Offset error
0.2
2.5
|EG|
Gain Error
0.3
1.5
|ED|
Differential linearity error
1.9
3.5
|EL|
Integral linearity error
1.9
4.5
Symbol 1)
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error
fCPU=4MHz, fADC=2MHz
1)
2.0
3.0
LSB
|EO|
Offset error
0.1
1.5
|EG|
Gain Error
0.4
1.4
|ED|
Differential linearity error
1.8
2.5
|EL|
Integral linearity error
1.7
2.5
Symbol 1)
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error
fCPU=2MHz, fADC=1MHz
1)
2.2
3.5
LSB
|EO|
Offset error
0.5
1.5
|EG|
Gain Error
0.5
1.5
|ED|
Differential linearity error
1.8
2.5
|EL|
Integral linearity error
1.8
2.5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com