Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6435 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6435
Description  Digital Media Processor
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6435 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320DM6435 Datasheet HTML 59Page - Texas Instruments TMS320DM6435 Datasheet HTML 60Page - Texas Instruments TMS320DM6435 Datasheet HTML 61Page - Texas Instruments TMS320DM6435 Datasheet HTML 62Page - Texas Instruments TMS320DM6435 Datasheet HTML 63Page - Texas Instruments TMS320DM6435 Datasheet HTML 64Page - Texas Instruments TMS320DM6435 Datasheet HTML 65Page - Texas Instruments TMS320DM6435 Datasheet HTML 66Page - Texas Instruments TMS320DM6435 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 252 page
background image
www.ti.com
C64x+™ DSP:
DM6437
DM6435
DM6433
DM6431
PREFIX
TMX
320
DM6435
ZWT
TMX=Experimentaldevice
TMS=Qualifieddevice
DEVICEFAMILY
320= TMS320™ DSP Family
PACKAGE TYPE(A)
ZWT =361-pinplasticBGA,withPb-Freesolderedballs
ZDU=376-pinplasticBGA,withPb-Freesolderedballs[Green]
DEVICE
A.BGA =BallGrid Array
B.For “TMX” initialdevices,thedevicenumberisDM6437.
DEVICESPEEDRANGE
()
4=400MHz
5=500MHz
6=600MHz
TEMPERATURERANGE(JUNCTION)
()
()
SILICONREVISION:
Blank=Revision1.3
Blank
=0°Cto90°C,CommercialGrade
Q
=-40°Cto125°C, AutomotiveGrade
R
= 0°Cto90°C,CommercialGrade(TapeandReel)
S
=-40°Cto125°C, AutomotiveGrade(TapeandReel)
TMS320DM6435
Digital Media Processor
SPRS344B – NOVEMBER 2006 – REVISED NOVEMBER 2007
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZWT), the temperature range (for example, "Blank" is the commercial
temperature range), and the device speed range in megahertz (for example, "6" indicates [600-MHz]).
Figure 2-10 provides a legend for reading the complete device name for any TMS320DM643x DMP
platform member.
Figure 2-10. Device Nomenclature(B)
Submit Documentation Feedback
Device Overview
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com