Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6435 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6435
Description  Digital Media Processor
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6435 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM6435 Datasheet HTML 1Page - Texas Instruments TMS320DM6435 Datasheet HTML 2Page - Texas Instruments TMS320DM6435 Datasheet HTML 3Page - Texas Instruments TMS320DM6435 Datasheet HTML 4Page - Texas Instruments TMS320DM6435 Datasheet HTML 5Page - Texas Instruments TMS320DM6435 Datasheet HTML 6Page - Texas Instruments TMS320DM6435 Datasheet HTML 7Page - Texas Instruments TMS320DM6435 Datasheet HTML 8Page - Texas Instruments TMS320DM6435 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 252 page
background image
www.ti.com
1
TMS320DM6435 Digital Media Processor
1.1 Features
TMS320DM6435
Digital Media Processor
SPRS344B – NOVEMBER 2006 – REVISED NOVEMBER 2007
[Flexible Allocation]
• High-Performance Digital Media Processor
–
1M-Bit (128K-Byte) L2 Unified Mapped
(DM6435)
RAM/Cache [Flexible Allocation]
–
2.5-, 2.-, 1.67-ns Instruction Cycle Time
• Supports Little Endian Mode Only
–
400-, 500-, 600-MHz C64x+™ Clock Rate
–
Eight 32-Bit C64x+ Instructions/Cycle
• Video Processing Subsystem (VPSS), VPFE
–
3200, 4000, 4800 MIPS
Only
–
Fully Software-Compatible With C64x
–
Front End Provides:
–
Commercial and Automotive (Q or S suffix)
• CCD and CMOS Imager Interface
Grades
• BT.601/BT.656 Digital YCbCr 4:2:2
(8-/16-Bit) Interface
• VelociTI.2™ Extensions to VelociTI™
• Preview Engine for Real-Time Image
Advanced Very-Long-Instruction-Word (VLIW)
Processing
TMS320C64x+™ DSP Core
• Glueless Interface to Common Video
–
Eight Highly Independent Functional Units
Decoders
With VelociTI.2 Extensions:
• Histogram Module
• Six ALUs (32-/40-Bit), Each Supports
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
• Auto-Exposure, Auto-White Balance and
Arithmetic per Clock Cycle
Auto-Focus Module
• Two Multipliers Support Four 16 x 16-Bit
• Resize Engine
Multiplies (32-Bit Results) per Clock
–
Resize Images From 1/4x to 4x
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
–
Separate Horizontal/Vertical Control
Results) per Clock Cycle
• External Memory Interfaces (EMIFs)
–
Load-Store Architecture With Non-Aligned
–
32-Bit DDR2 SDRAM Memory Controller
Support
With 256M-Byte Address Space (1.8-V I/O)
–
64 32-Bit General-Purpose Registers
• Supports up to 333-MHz (data rate) bus
–
Instruction Packing Reduces Code Size
and interfaces to DDR2-400 SDRAM
–
All Instructions Conditional
–
Asynchronous 8-Bit Wide EMIF (EMIFA)
–
Additional C64x+™ Enhancements
With up to 64M-Byte Address Reach
• Protected Mode Operation
• Flash Memory Interfaces
• Exceptions Support for Error Detection
–
NOR (8-Bit-Wide Data)
and Program Redirection
–
NAND (8-Bit-Wide Data)
• Hardware Support for Modulo Loop
• Enhanced Direct-Memory-Access (EDMA)
Auto-Focus Module Operation
Controller (64 Independent Channels)
• C64x+ Instruction Set Features
• Two 64-Bit General-Purpose Timers (Each
–
Byte-Addressable (8-/16-/32-/64-Bit Data)
Configurable as Two 32-Bit Timers)
–
8-Bit Overflow Protection
• One 64-Bit Watch Dog Timer
–
Bit-Field Extract, Set, Clear
• Two UARTs (One with RTS and CTS Flow
–
Normalization, Saturation, Bit-Counting
Control)
–
VelociTI.2 Increased Orthogonality
• Master/Slave Inter-Integrated Circuit
–
C64x+ Extensions
(I2C Bus™)
• Compact 16-bit Instructions
• Multichannel Buffered Serial Port (McBSP)
• Additional Instructions to Support
Complex Multiplies
–
I2S and TDM
–
AC97 Audio Codec Interface
• C64x+ L1/L2 Memory Architecture
–
SPI
–
256K-Bit (32K-Byte) L1P Program
RAM/Cache [Flexible Allocation]
–
Standard Voice Codec Interface (AIC12)
–
640K-Bit (80K-Byte) L1D Data RAM/Cache
–
Telecom Interfaces – ST-Bus, H-100
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM6435

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6435 TI1-TMS320DM6435 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435EZWT6 TI1-TMS320DM6435EZWT6 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435EZWT6 TI1-TMS320DM6435EZWT6 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435Q TI1-TMS320DM6435Q Datasheet
2Mb / 252P
Digital Media Processor
More results

Similar Description - TMS320DM6435

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com