Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6435 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6435
Description  Digital Media Processor
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6435 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320DM6435 Datasheet HTML 93Page - Texas Instruments TMS320DM6435 Datasheet HTML 94Page - Texas Instruments TMS320DM6435 Datasheet HTML 95Page - Texas Instruments TMS320DM6435 Datasheet HTML 96Page - Texas Instruments TMS320DM6435 Datasheet HTML 97Page - Texas Instruments TMS320DM6435 Datasheet HTML 98Page - Texas Instruments TMS320DM6435 Datasheet HTML 99Page - Texas Instruments TMS320DM6435 Datasheet HTML 100Page - Texas Instruments TMS320DM6435 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 252 page
background image
www.ti.com
3.7.3
Pin Multiplexing Details
TMS320DM6435
Digital Media Processor
SPRS344B – NOVEMBER 2006 – REVISED NOVEMBER 2007
This section discusses how to program each Pin Mux Block to select the desired peripheral functions.
The following steps can be used to determine pin muxing suitable for the application:
1. Understand the major configuration choices available for the specific application.
a.
Device Major Configuration Choices: Figure 3-11 shown in Section 3.7, Multiplexed Pin
Configurations, provides a high-level view of the device pin muxing and can be used to determine
the possible mix of peripheral options for a specific application.
b.
EMIFA/VPSS Block Major Configuration Choices: The EMIFA/VPSS block features extensive pin
multiplexing to accommodate a variety of applications. In addition to Figure 3-11, Section 3.7.3.11,
EMIFA/VPSS Block Muxing, provides more details on the Major Configuration choices for this
block.
2. See Section 3.7.3.1, Multiplexed Pins on DM6435, for a summary of all the multiplexed pins on this
device and the pin mux group they belong to.
3. Refer to the individual pin mux sections (Section 3.7.3.3, Host Block Muxing to Section 3.7.3.11,
EMIFA/VPSS Block Muxing) for pin muxing details for a specific pin mux block.
a.
For peripherals that span multiple pin mux blocks, the user must select the appropriate pins for that
peripheral in all relevant pin mux blocks. For more details, see Section 3.7.3.2, Peripherals
Spanning Multiple Pin Mux Blocks .
For details on PINMUX0 and PINMUX1 registers, see Section 3.7.2.
3.7.3.1 Multiplexed Pins on DM6435
Table 3-21 summarizes all of the multiplexed pins on DM6435, the pin mux group for each pin, and the
PINMUX register fields that control the pin. For pin mux details, see the specific pin mux group section
(Section 3.7.3.3, Host Block Muxing to Section 3.7.3.11, EMIFA/VPSS Block Muxing). For a description of
the PINMUX register fields, see Section 3.7.2.
Table 3-21. Multiplexed Pins on DM6435
SIGNAL
PINMUX DESCRIPTION
ZWT
ZDU
NAME
PINMUX GROUP
CONTROLLED BY PINMUX BIT FIELDS
NO.
NO.
PCLK/GP[54]
A14
A18
EMIFA/VPSS Sub-Block 0
CCDCSEL
VD/GP[53]
A13
A17
EMIFA/VPSS Sub-Block 0
HVDSEL
HD/GP[52]
A15
A19
EMIFA/VPSS Sub-Block 0
HVDSEL
CI7(CCD15)/EM_A[13]/GP[51]
B10
A12
EMIFA/VPSS Sub-Block 0
AEM, AEAW, CI76SEL
CI6(CCD14)/EM_A[14]/GP[50]
A10
A13
EMIFA/VPSS Sub-Block 0
AEM, AEAW, CI76SEL
CI5(CCD13)/EM_A[15]/GP[49]
B11
C13
EMIFA/VPSS Sub-Block 0
AEM, AEAW, CI54SEL
CI4(CCD12)/EM_A[16]/GP[48]
C11
B13
EMIFA/VPSS Sub-Block 0
AEM, AEAW, CI54SEL
CI3(CCD11)/EM_A[17]/GP[47]
A11
B14
EMIFA/VPSS Sub-Block 0
AEM, AEAW, CI32SEL
CI2(CCD10)/EM_A[18]/GP[46]
D11
A14
EMIFA/VPSS Sub-Block 0
AEM, AEAW, CI32SEL
CI1(CCD9)/EM_A[19]/GP[45]
B12
C14
EMIFA/VPSS Sub-Block 0
AEM, AEAW, CI10SEL
CI0(CCD8)/EM_A[20]/GP[44]
C12
C15
EMIFA/VPSS Sub-Block 0
AEM, AEAW, CI10SEL
YI7(CCD7)/GP[43]
A12
A15
EMIFA/VPSS Sub-Block 0
CCDCSEL
YI6(CCD6)/GP[42]
B13
B15
EMIFA/VPSS Sub-Block 0
CCDCSEL
YI5(CCD5)/GP[41]
C13
B16
EMIFA/VPSS Sub-Block 0
CCDCSEL
YI4(CCD4)/GP[40]
D14
C18
EMIFA/VPSS Sub-Block 0
CCDCSEL
YI3(CCD3)/GP[39]
B14
A16
EMIFA/VPSS Sub-Block 0
CCDCSEL
YI2(CCD2)/GP[38]
C14
B17
EMIFA/VPSS Sub-Block 0
CCDCSEL
YI1(CCD1)/GP[37]
B15
B18
EMIFA/VPSS Sub-Block 0
CCDCSEL
YI0(CCD0)/GP[36]
C15
B19
EMIFA/VPSS Sub-Block 0
CCDCSEL
Submit Documentation Feedback
Device Configuration
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com