Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8002 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCP8002
Description  TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8002 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCP8002 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8002 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCP8002
2007-01-16
4
Drain
−source voltage VDS (V)
ID – VDS
Drain
−source voltage VDS (V)
ID – VDS
Gate
−source voltage VGS (V)
ID – VGS
Drain current ID (A)
Drain current ID (A)
Common source
Ta
= 25°C
Single Pulse test
Common source
VDS
= 10 V
Single Pulse test
1
0.1
1
10
100
10
100
Common source
Ta
= 25°C
Single Pulse test
VGS = 2.5 V
4.5
Common source
VDS = 10 V
Single Pulse test
|Yfs| – ID
RDS (ON) – ID
Gate
−source voltage VGS (V)
VDS – VGS
Common source
Ta
= 25°C
Single Pulse test
Common source
Ta
= 25°C
Single Pulse test
0
0
0.2
0.4
0.6
1.0
2
4
6
8
10
1.8
0.8
2
1.7
VGS = 1.4 V
1.5
1.6
0
0
0.4
0.8
1.2
1.6
4
8
12
16
20
VGS = 1.4 V
1.5
1.6
1.7
1.8
1.9
2
3
2
0
4
8
12
16
20
Ta
= −55°C
0
0.4
0.8
1.2
1.6
2.4
2
25°C
100°C
0
0.4
0.6
0.8
1
0
2
4
6
8
10
ID = 9.1 A
2.3
0.2
4.5
0.1
1
10
100
10
100
1
25°C
100°C
Ta
= −55°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com